Electronic Components Datasheet Search
  English  ▼

X  

OPA596 Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA596
Description  OPAx596 High-Voltage (85V), Low-Power (420μA), High-Slew Rate (100V/μs) Power Amplifier With MUX-Friendly Inputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA596 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA596 Datasheet HTML 5Page - Texas Instruments OPA596 Datasheet HTML 6Page - Texas Instruments OPA596 Datasheet HTML 7Page - Texas Instruments OPA596 Datasheet HTML 8Page - Texas Instruments OPA596 Datasheet HTML 9Page - Texas Instruments OPA596 Datasheet HTML 10Page - Texas Instruments OPA596 Datasheet HTML 11Page - Texas Instruments OPA596 Datasheet HTML 12Page - Texas Instruments OPA596 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
5.7 Typical Characteristics (continued)
at TA = 25°C, VS = 85V, VCM = VOUT = mid-supply, and RL = 10kΩ (unless otherwise noted)
Input Offset Voltage Drift ( V/ C)
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
5
10
15
20
25
Figure 5-7. Offset Voltage Drift Distribution
Temperature ( C)
-50
-25
0
25
50
75
100
125
150
-1
-0.5
0
0.5
1
Figure 5-8. Input Offset Voltage vs Temperature
Supply Voltage (V)
5
15
25
35
45
55
65
75
85
-1
-0.5
0
0.5
1
VS = 8V
Figure 5-9. Offset Voltage vs Power Supply Voltage
Common-Mode Voltage (V)
-45
-30
-15
0
15
30
45
-20
-15
-10
-5
0
5
10
15
20
VCM =
−42.5V
VCM = 42.5V
IBN
IBP
IBOS
Figure 5-10. Input Bias vs Common-Mode Voltage
Temperature ( C)
-50
-25
0
25
50
75
100
125
150
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
IBN
IBP
IBOS
Figure 5-11. Input Bias and Input Offset Current vs Temperature
Frequency (Hz)
0
20
40
60
80
100
120
140
160
180
10m 100m
1
10
100
1k
10k
100k
1M
10M
CMRR
PSRR
−
PSRR
Figure 5-12. Power-Supply and Common-Mode Rejection Ratio
vs Frequency
www.ti.com
OPA596, OPA2596
SBOSA42C – JUNE 2024 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: OPA596 OPA2596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com