Electronic Components Datasheet Search
  English  ▼

X  

OPA596 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA596
Description  OPAx596 High-Voltage (85V), Low-Power (420μA), High-Slew Rate (100V/μs) Power Amplifier With MUX-Friendly Inputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA596 Datasheet(HTML) 1 Page - Texas Instruments

  OPA596 Datasheet HTML 1Page - Texas Instruments OPA596 Datasheet HTML 2Page - Texas Instruments OPA596 Datasheet HTML 3Page - Texas Instruments OPA596 Datasheet HTML 4Page - Texas Instruments OPA596 Datasheet HTML 5Page - Texas Instruments OPA596 Datasheet HTML 6Page - Texas Instruments OPA596 Datasheet HTML 7Page - Texas Instruments OPA596 Datasheet HTML 8Page - Texas Instruments OPA596 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
OPAx596 High-Voltage (85V), Low-Power (420μA), High-Slew Rate (100V/μs)
Power Amplifier With MUX-Friendly Inputs
1 Features
• High slew rate: 100V/µs
• Low power consumption: 420μA
• Wide power-supply range:
– ±4V to ±42.5V
– 8V to 85V
• MUX-friendly inputs
• Input below the negative rail
• Rail-to-rail output
• Gain bandwidth: 3.75MHz
• Low noise: 12.8nV/√Hz
• Low input bias current: 5pA
• Low input offset voltage: ±1mV
• Output current drive: ±30mA
• Wide temperature range: –40°C to +125°C
• Industry-standard small packages:
– D (8-pin SOIC)
– DBV (5-pin SOT-23)
– DGK (8-pin VSSOP)
2 Applications
• Semiconductor test
• LCD test
• Programmable dc power supply
• CT and PET scanner
• Source measurement unit (SMU)
• Optical module
• Lab and field Instrumentation
3 Description
The OPA596 and OPA2596 (OPAx596) are high-
voltage (85V), high slew rate (100V/μs), micro-power
(420μA), unity-gain stable operational amplifiers.
The OPAx596 enable the next generation of high-
voltage systems, such as output load drivers in
semiconductor test and digital power supplies by
increasing the output voltage of the system though
high-gain configurations. Low power consumption and
industry-standard small packages allow the device
to be used in high-density systems that are size
constrained, while reducing the thermal management
requirements for the system.
Through proprietary design techniques, the OPAx596
are capable of a very high slew rate with
minimal power consumption to improve large-signal
settling time and maximize the effective large-signal
bandwidth. These devices also offers MUX-friendly
inputs that enable large differential voltage (up to 85V)
and help improve settling behavior when compared to
traditional inputs in multiplexed applications.
The OPAx596 are available in industry-standard
packages and operates across the temperature range
of –40°C to +125°C.
Device Information
PART NUMBER
CHANNELS
PACKAGE(1)
OPA596
Single
DBV (SOT-23, 5)
OPA2596
Dual
D (SOIC, 8)
DGK (VSSOP, 8)
(1)
For more information, see Section 10.
Related 85V Products
PART NUMBER
OUTPUT CURRENT
INPUT OFFSET
OPAx596
±30mA
1mV
OPAx593
±250mA
100µV
Time (250ns/div)
VIN
VOUT
Large-Signal Step Response
+
–
DAC
255k
34k
VREF = 5V
42.5V
62pF
42.5V
29.8k
VOUT
OPA596
DAC Output Buffer With Gain
OPA596, OPA2596
SBOSA42C – JUNE 2024 – REVISED DECEMBER 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA596

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA596 TI1-OPA596 Datasheet
1Mb / 27P
OPAx596 High-Voltage (85V), Low-Power (420μA), High-Slew Rate (100V/μs) Power Amplifier With Mux-Friendly Inputs
JUNE 2024
OPA596 TI1-OPA596 Datasheet
2Mb / 34P
OPAx596 High-Voltage (85V), Low-Power (420μA), High-Slew Rate (100V/μs) Power Amplifier With Mux-Friendly Inputs
FEBRUARY 2025
OPA596 TI2-OPA596 Datasheet
2Mb / 38P
OPAx596 High-Voltage (85V), Low-Power (420μA), High-Slew Rate (100V/μs) Power Amplifier With MUX-Friendly Inputs
REVISED DECEMBER 2025
OPA596DBVR TI1-OPA596DBVR Datasheet
2Mb / 34P
OPAx596 High-Voltage (85V), Low-Power (420μA), High-Slew Rate (100V/μs) Power Amplifier With Mux-Friendly Inputs
FEBRUARY 2025
OPA596DBVR TI2-OPA596DBVR Datasheet
2Mb / 38P
OPAx596 High-Voltage (85V), Low-Power (420μA), High-Slew Rate (100V/μs) Power Amplifier With MUX-Friendly Inputs
REVISED DECEMBER 2025
More results

Similar Description - OPA596

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE531 PHILIPS-NE531 Datasheet
159Kb / 8P
High slew rate operational amplifier
August 31, 1994
logo
M.S. Kennedy Corporatio...
MSK611 MSK-MSK611 Datasheet
195Kb / 4P
ULTRA HIGH SLEW RATE HIGH VOLTAGE AMPLIFIER
logo
Intersil Corporation
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
High Slew Rate Operational Amplifier
October 26, 2004
HA-2850883 INTERSIL-HA-2850883 Datasheet
308Kb / 12P
Low Power, High Slew Rate, Wideband Operational Amplifier
July 1994
HFA-0005 INTERSIL-HFA-0005 Datasheet
759Kb / 10P
High Slew Rate Operational Amplifier
September 1998
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2850 INTERSIL-HA-2850_03 Datasheet
389Kb / 8P
470MHz, Low Power, High Slew Rate Operational Amplifier
May 2003
HA-2510 INTERSIL-HA-2510_06 Datasheet
209Kb / 7P
High Slew Rate Operational Amplifier
January 3, 2006
logo
Renesas Technology Corp
HA-2850 RENESAS-HA-2850 Datasheet
537Kb / 7P
470MHz, Low Power, High Slew Rate Operational Amplifier
May 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com