Electronic Components Datasheet Search
  English  ▼

X  

LTC6416 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC6416
Description  2 GHz Low Noise Differential 16-Bit ADC Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6416 Datasheet(HTML) 4 Page - Analog Devices

  LTC6416 Datasheet HTML 1Page - Analog Devices LTC6416 Datasheet HTML 2Page - Analog Devices LTC6416 Datasheet HTML 3Page - Analog Devices LTC6416 Datasheet HTML 4Page - Analog Devices LTC6416 Datasheet HTML 5Page - Analog Devices LTC6416 Datasheet HTML 6Page - Analog Devices LTC6416 Datasheet HTML 7Page - Analog Devices LTC6416 Datasheet HTML 8Page - Analog Devices LTC6416 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC6416
4
6416f
3.3V ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input/Output Characteristics
GDIFF
Differential Gain
VINDIFF = ±1.2V
l
–0.3
–0.4
–0.15
0
0
dB
dB
TCGDIFF
Differential Gain Temperature Coefficient
l
–0.00033
dB/°C
VOUTDIFF
Differential Output Voltage Swing
VINDIFF = ±2.3V
l
3.5
3.2
4VP-P
VP-P
VOUTMIN
Output Voltage Swing Low
Single-Ended Measurement of OUT+,
OUT–. VINDIFF = ±2.3V
l
0.2
0.3
0.35
V
V
VOUTMAX
Output Voltage Swing High
Single-Ended Measurement of OUT+,
OUT–. VINDIFF = ±2.3V
l
2.05
1.95
2.2
V
V
IOUT
Output Current Drive (Note 4)
Single-Ended Measurement of OUT+,
OUT–
l
±20
mA
VOS
Differential Input Offset Voltage
IN+ = IN– = 1.25V, VOS = VOUTDIFF/
GDIFF
l
–5
–10
–0.1
5
10
mV
mV
TCVOS
Differential Input Offset Voltage Drift
l
1μV/°C
VIOCM
Common Mode Offset Voltage, Input to
Output
VOUTCM – VINCM
l
–65
–75
–40
–15
–5
mV
mV
IVRMIN
Input Voltage Range, IN+, IN–
(Minimum) (Single-Ended)
Defined by Output Voltage Swing Test
l
0.1
V
IVRMAX
Input Voltage Range, IN+, IN–
(Maximum) (Single-Ended)
Defined by Output Voltage Swing Test
l
2.4
V
IB
Input Bias Current, IN+, IN–
IN+ = IN– = 1.25V
l
–15
–4
15
μA
RINDIFF
Differential Input Resistance
VINDIFF = ±1.2V
l
912
15
kΩ
CINDIFF
Differential Input Capacitance
1
pF
RINCM
Input Common Mode Resistance
IN+ = IN– = 0.65V to 1.85V
6
kΩ
CMRR
Common Mode Rejection Ratio
IN+ = IN– = 0.65V to 1.85V = ΔVINCM,
CMRR = (VOUTDIFF/GDIFF/ΔVINCM)
l
63.5
59.6
83
dB
dB
eN
Input Noise Voltage Density
f = 100kHz
1.8
nV/√Hz
iN
Input Noise Current Density
f = 100kHz
6.5
pA/√Hz
Output Common Mode Voltage Control
GCM
VCM Pin Common Mode Gain
VCM = 0.65V to 1.85V
l
0.9
0.96
1.05
V/V
VINCMDEFAULT
Default Input Common Mode Voltage
VINCM. IN+, IN–, VCM Pin Floating
l
1.2
1.28
1.35
V
VOS (VCM – VINCM)
Offset Voltage, VCM to VINCM
VCM – VINCM, VCM = 1.25V
l
–70
–26
70
mV
VOUTCMDEFAULT
Default Output Common Mode Voltage
Inputs Floating, VCM Pin Floating
l
1.15
1.24
1.35
V
VOS (VCM – VOUTCM)
Offset Voltage, VCM to VOUTCM
VCM – VOUTCM, VCM = 1.25V
l
–60
14
60
mV
VOUTCMMIN
Output Common Mode Voltage
(Minimum)
VCM = 0.1V
l
0.34
0.5
0.55
V
V
VOUTCMMAX
Output Common Mode Voltage
(Maximum)
VCM = 2.4V
l
2.05
2
2.16
V
V
VCMDEFAULT
VCM Pin Default Voltage
l
1.2
1.25
1.3
V
RVCM
VCM Pin Input Resistance
l
2.5
3.8
5.1
kΩ
CVCM
VCM Pin Input Capacitance
1
pF
IBVCM
VCM Pin Bias Current
VCM = 1.25V
l
–10
0.2
10
μA
The
l denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. V+ = 3.3V, GND = 0V, No RLOAD, CLOAD = 6pF. VCM = 1.25V,
CLHI = V+, CLLO = 0V unless otherwise noted. VINCM is defined as (IN+ + IN–)/2. VOUTCM is defined as (OUT+ + OUT–)/2. VINDIFF is
defined as (IN+ – IN–). VOUTDIFF is defined as (OUT+ – OUT–). See DC test circuit schematic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com