Electronic Components Datasheet Search
  English  ▼

X  

LTC6416 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC6416
Description  2 GHz Low Noise Differential 16-Bit ADC Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6416 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC6416 Datasheet HTML 7Page - Analog Devices LTC6416 Datasheet HTML 8Page - Analog Devices LTC6416 Datasheet HTML 9Page - Analog Devices LTC6416 Datasheet HTML 10Page - Analog Devices LTC6416 Datasheet HTML 11Page - Analog Devices LTC6416 Datasheet HTML 12Page - Analog Devices LTC6416 Datasheet HTML 13Page - Analog Devices LTC6416 Datasheet HTML 14Page - Analog Devices LTC6416 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC6416
11
6416f
PIN FUNCTIONS
VCM(Pin1):Thispinsetstheoutputcommonmodevoltage
seen at OUT+ and OUT– by driving IN+ and IN– through an
internal buffer with a high output resistance of 6k. The VCM
pin has a Thevenin equivalent resistance of approximately
3.8k and can be overdriven by an external voltage. If no
voltage is applied to VCM, it will float to a default voltage
of approximately 1.25V on a 3.3V supply or 1.36V on
a 3.6V supply. The VCM pin should be bypassed with a
high-quality ceramic bypass capacitor of at least 0.1μF.
CLHI (Pin 2): High Side Clamp Voltage. The voltage applied
to the CLHI pin defines the upper voltage limit of the OUT+
and OUT– pins. This voltage should be set at least 300mV
above the upper voltage range of the driven ADC. On a 3.3V
supply, the CLHI pin will float to a 2.23V default voltage.
On a 3.6V supply, the CLHI pin will float to a 2.45V default
voltage. CLHI has a Thevenin equivalent of approximately
4.1kΩ and can be overdriven by an external voltage. The
CLHI pin should be bypassed with a high-quality ceramic
bypass capacitor of at least 0.1μF.
IN+,IN– (Pins 3, 4):
Non-inverting and inverting input pins
of the buffer, respectively. These pins are high impedance,
approximately 6kΩ. If AC-coupled, these pins will self bias
to the voltage present at the VCM pin.
CLLO (Pin 5): Low Side Clamp Voltage. The voltage ap-
plied to the CLLO pin defines the lower voltage limit of
the OUT+ and OUT– pins. This voltage should be set at
least 300mV below the lower voltage range of the driven
ADC. On a 3.3V supply, the CLLO pin will float to a 0.25V
default voltage. On a 3.6V supply, the CLLO pin will float to
a 0.265V default voltage. CLLO has a Thevenin equivalent
resistance of approximately 2.3k and can be overdriven by
an external voltage. The CLLO pin should be bypassed with
a high quality ceramic bypass capacitor of at least 0.1μF.
GND (Pins 6, 9, 11): Negative power supply, normally
tied to ground. Both pins and the exposed paddle must
be tied to the same voltage. GND may be tied to a voltage
other than ground as long as the voltage between V+ and
GND is 2.7V to 4V. If the GND pins are not tied to ground,
bypass them with 680pF and 0.1μF capacitors as close to
the package as possible.
OUT–, OUT+ (Pins 7, 8):
Outputs. The LTC6416 outputs
are low impedance. Each output has an output impedance
of approximately 9Ω at DC.
V+ (Pin 10):
Positive Power Supply. Typically 3.3V to 3.6V.
Split supplies are possible as long as the voltage between
V+ and GND is 2.7V to 4V. Bypass capacitors of 680pF
and 0.1μF as close to the part as possible should be used
between the supplies.
Exposed Pad (Pin 11): Ground. The exposed pad must
be soldered to the printed circuit board ground plane for
good heat transfer. If GND is a voltage other than ground,
the Exposed Pad must be connected to a plane with the
same potential as the GND pins – Not to the system
ground plane.
DC TEST CIRCUIT SCHEMATIC
8
1
2
3
4
5
6
9
11
7
CLOAD
V+
V+
10
OUT
–
6416 DC
OUT+
OUT
–
OUT+
RLOAD
VCM
VCM
IN+
IN+
CLHI
CLHI
CLLO
CLLO
IN–
IN–
LTC6416
VINDIFF = IN
+ – IN–
IN+ + IN–
2
VINCM =
VOUTDIFF = OUT
+ – OUT–
OUT+ + OUT–
2
VOUTCM =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com