Electronic Components Datasheet Search
  English  ▼

X  

LTC6416 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC6416
Description  2 GHz Low Noise Differential 16-Bit ADC Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6416 Datasheet(HTML) 2 Page - Analog Devices

  LTC6416 Datasheet HTML 1Page - Analog Devices LTC6416 Datasheet HTML 2Page - Analog Devices LTC6416 Datasheet HTML 3Page - Analog Devices LTC6416 Datasheet HTML 4Page - Analog Devices LTC6416 Datasheet HTML 5Page - Analog Devices LTC6416 Datasheet HTML 6Page - Analog Devices LTC6416 Datasheet HTML 7Page - Analog Devices LTC6416 Datasheet HTML 8Page - Analog Devices LTC6416 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC6416
2
6416f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to GND)................................4V
Input Current (CLLO, CLHI, VCM, IN+, IN–)...........±10mA
Output Current (OUT+, OUT–) ...........................±22.5mA
Operating Temperature Range (Note 2).... –40°C to 85°C
Specified Temperature Range (Note 3) .... –40°C to 85°C
Storage Temperature Range................... –65°C to 150°C
Junction Temperature ........................................... 150°C
(Note 1)
TOP VIEW
11
DDB PACKAGE
10-LEAD (3mm
2mm) PLASTIC DFN
VCM
CLHI
IN+
IN–
CLLO
V+
GND
OUT+
OUT–
GND
6
8
7
9
10
5
4
2
3
1
TJMAX = 150°C, θJA = 76°C/W, θJC = 13.5°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
3.6V ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. V+ = 3.6V, GND = 0V, No RLOAD, CLOAD = 6pF. VCM = 1.25V,
CLHI = V+, CLLO = 0V unless otherwise noted. VINCM is defined as (IN+ + IN–)/2. VOUTCM is defined as (OUT+ + OUT–)/2. VINDIFF is
defined as (IN+ – IN–). VOUTDIFF is defined as (OUT+ – OUT–). See DC test circuit schematic.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input/Output Characteristics
GDIFF
Differential Gain
VINDIFF = ±1.2V Differential
l
–0.3
–0.4
–0.15
0
0
dB
dB
TCGDIFF
Differential Gain Temperature Coefficient
l
–0.00033
dB/°C
VSWINGDIFF
Differential Output Voltage Swing
VOUTDIFF, VINDIFF = ±2.3V
l
3.7
3.3
4.2
VP-P
VP-P
VSWINGMIN
Output Voltage Swing Low
Single-Ended Measurement of OUT+,
OUT–. VINDIFF = ±2.3V
l
0.2
0.3
0.35
V
V
VSWINGMAX
Output Voltage Swing High
Single-Ended Measurement of OUT+,
OUT–. VINDIFF = ±2.3V
l
2.15
2
2.3
V
V
IOUT
Output Current Drive
Single-Ended Measurement of OUT+,
OUT–
l
±20
mA
VOS
Differential Input Offset Voltage
IN+ = IN– = 1.25V, VOS = VOUTDIFF/
GDIFF
l
–5
–10
–0.5
5
10
mV
mV
TCVOS
Differential Input Offset Voltage Drift
l
1μV/°C
VIOCM
Common Mode Offset Voltage, Input to
Output
VOUTCM – VINCM
l
–65
–75
–47
–15
–5
mV
mV
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC6416CDDB#TRMPBF
LTC6416CDDB#TRPBF
LDDY
10-Lead (3mm
× 2mm) Plastic DFN
0°C to 70°C
LTC6416IDDB#TRMPBF
LTC6416IDDB#TRPBF
LDDY
10-Lead (3mm
× 2mm) Plastic DFN
–40°C to 85°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com