Electronic Components Datasheet Search
  English  ▼

X  

LTC6416 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC6416
Description  2 GHz Low Noise Differential 16-Bit ADC Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6416 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC6416 Datasheet HTML 3Page - Analog Devices LTC6416 Datasheet HTML 4Page - Analog Devices LTC6416 Datasheet HTML 5Page - Analog Devices LTC6416 Datasheet HTML 6Page - Analog Devices LTC6416 Datasheet HTML 7Page - Analog Devices LTC6416 Datasheet HTML 8Page - Analog Devices LTC6416 Datasheet HTML 9Page - Analog Devices LTC6416 Datasheet HTML 10Page - Analog Devices LTC6416 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC6416
7
6416f
FREQUENCY (MHz)
6416 G01
10
1000
10000
100
V+ = 3.3V
2
0
–4
–8
–12
–2
–6
–10
–14
–16
6416 G02
V+ = 3.3V
0
–20
–25
–5
–15
–10
–30
–35
FREQUENCY (MHz)
10
1000
100
6416 G03
V+ = 3.3V
0
–1
–4
–8
–7
–2
–3
–6
–5
–9
–10
FREQUENCY (MHz)
10
1000
100
6416 G04
V+ = 3.3V
–20
–40
–80
–70
–30
–60
–50
–90
–100
FREQUENCY (MHz)
10
1000
100
TYPICAL PERFORMANCE CHARACTERISTICS
Differential Reverse Isolation
(S12) vs Frequency
Differential Forward Gain (S21)
vs Frequency
Differential Input Return Loss
(S11) vs Frequency
Differential Output Return Loss
(S22) vs Frequency
–50
–60
–70
–80
–90
–100
FREQUENCY (MHz)
6416 G05
10
100
500
V+ = 3.3V
VCM = 1.25V
RLOAD = 400Ω
VOUT = 2VP-P DIFFERENTIAL
HD2
HD3
–50
–60
–70
–80
–90
–100
FREQUENCY (MHz)
6416 G06
V+ = 3.6V
VCM = 1.25V
RLOAD = 400Ω
VOUT = 2VP-P DIFFERENTIAL
HD2
HD3
10
100
500
Second and Third Harmonic
Distortion vs Frequency
Second and Third Harmonic
Distortion vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com