Electronic Components Datasheet Search
  English  ▼

X  

LTC6416 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC6416
Description  2 GHz Low Noise Differential 16-Bit ADC Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6416 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC6416 Datasheet HTML 12Page - Analog Devices LTC6416 Datasheet HTML 13Page - Analog Devices LTC6416 Datasheet HTML 14Page - Analog Devices LTC6416 Datasheet HTML 15Page - Analog Devices LTC6416 Datasheet HTML 16Page - Analog Devices LTC6416 Datasheet HTML 17Page - Analog Devices LTC6416 Datasheet HTML 18Page - Analog Devices LTC6416 Datasheet HTML 19Page - Analog Devices LTC6416 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC6416
20
6416f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2008
LT 1108 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
Fixed Gain IF Amplifiers/ADC Drivers
LT1993-2/LT1993-4/
LT1993-10
800MHz Differential Amplifier/ADC Drivers
–72dBc IM3 at 70MHz 2VP-P Composite, AV = 2V/V, 4V/V, 10V/V
LTC6400-8/LTC6400-14/
LTC6400-20/LTC6400-26
1.8GHz Low Noise, Low Distortion Differential
ADC Drivers
–71dBc IM3 at 240MHz 2VP-P Composite, IS = 90mA, AV = 8dB,
14dB, 20dB, 26dB
LTC6401-8/LTC6401-14/
LTC6401-20/LTC6401-26
1.3GHz Low Noise, Low Distortion Differential
ADC Drivers
–74dBc IM3 at 140MHz 2VP-P Composite, IS = 50mA, AV = 8dB,
14dB, 20dB, 26dB
LT6402-6/LT6402-12/
LT6402-20
300MHz Differential Amplifier/ADC Drivers
–71dBc IM3 at 20MHz 2VP-P Composite, AV = 6dB, 12dB, 20dB
LTC6420-XX
Dual 1.8GHz Low Noise, Low Distortion Differential
ADC Drivers
Dual Version of the LTC6400-XX, AV = 8dB, 14dB, 20dB, 26dB
LTC6421-XX
Dual 1.3GHz Low Noise, Low Distortion Differential
ADC Drivers
Dual Version of the LTC6401-XX, AV = 8dB, 14dB, 20dB, 26dB
IF Amplifiers/ADC Drivers with Digitally Controlled Gain
LT5514
Ultra-Low Distortion IF Amplifier/ADC Driver with
Digitally Controlled Gain
OIP3 = 47dBm at 100MHz, Gain Range 10.5dB to 33dB 1.5dB steps
LT5524
Low Distortion IF Amplifier/ADC Driver with Digitally
Controlled Gain
OIP3 = 40dBm at 100MHz, Gain Range 4.5dB to 37dB 1.5dB steps
LT5554
High Dynamic Range 7-bit Digitally Controlled IF
VGA/ADC Driver
OIP3 = 46dBm at 200MHz, Gain Range 1.725 to 17.6dB 0.125dB
steps
Baseband Differential Amplifiers
LT1994
Low Noise, Low Distortion Differential Amplifier/
ADC Driver
16-Bit SNR and SFDR at 1MHz, Rail-to-Rail Outputs
LTC6403-1
Low Noise Rail-to-Rail Output Differential Amplifier/
ADC Driver
16-Bit SNR and SFDR at 3MHz, Rail-to-Rail Outputs, eN = 2.8nV/√Hz
LTC6404-1/LTC6404-2
Low Noise Rail-to-Rail Output Differential Amplifier/
ADC Driver
16-Bit SNR and SFDR at 10MHz, Rail-to-Rail Outputs, eN = 1.5nV/
√Hz, LTC6404-1 is unity-gain stable, LTC6404-2 is Gain-of-2 Stable
LTC6406
3GHz Rail-to-Rail Input Differential Amplifier/
ADC Driver
–65dBc IM3 at 50MHz 2VP-P Composite, Rail-to-Rail Inputs,
eN = 1.6nV/√Hz, 18mA
LT6411
Low Power Differential ADC Driver/Dual Selectable
Gain Amplifier
–83dBc IM3 at 70MHz 2VP-P Composite, AV = 1, –1 or 2, 16mA,
Excellent for Single-Ended to Differential Conversion
DC1257B Simplified Schematic with Suggested Output Termination for Driving an LTC2208 16-Bit ADC at 140MHz
V+
VCM
OUT–
6416 F05
OUT+
3.6V
2.2μF
IN+
CLHI
CLLO
IN–
LTC6416
1pF
1.5pF
1.5pF
3.3V
CLOCK
(130MHz)
DATA
16
VCM
LTC2208
AIN+
AIN–
25Ω
25Ω
GND
GND
R36
100Ω
R15
100Ω
0.1μF
C39
0.01μF
3
2
1
6
4
50Ω
680pF
T1
TCM4-19+
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com