Electronic Components Datasheet Search
  English  ▼

X  

MAX4374 Datasheet(PDF) 7 Page - Analog Devices

Part # MAX4374
Description  Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4374 Datasheet(HTML) 7 Page - Analog Devices

Back Button MAX4374 Datasheet HTML 3Page - Analog Devices MAX4374 Datasheet HTML 4Page - Analog Devices MAX4374 Datasheet HTML 5Page - Analog Devices MAX4374 Datasheet HTML 6Page - Analog Devices MAX4374 Datasheet HTML 7Page - Analog Devices MAX4374 Datasheet HTML 8Page - Analog Devices MAX4374 Datasheet HTML 9Page - Analog Devices MAX4374 Datasheet HTML 10Page - Analog Devices MAX4374 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MAX4373/MAX4374/MAX4375
Low-Cost, Micropower, High-Side
Current-Sense Amplifier +
Comparator + Reference ICs
Maxim Integrated | 7
www.maximintegrated.com
VCC
OUTPUT
100
μs/div
0
2V
6V
0
POWER-UP DELAY
MAX4373 toc19
AV = +20V/V
OUTPUT
VCC
5V
5V
0
0
COMPARATOR POWER-UP DELAY
MAX4373 toc20
VCC = VPULL-UP
10µs/div
590
593
592
591
594
595
596
597
598
599
600
010
5
15202530
COMPARATOR TRIP POINT vs.
SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
INPUT
125mV/div
OUTPUT
2.5V/div
2
μs/div
COMPARATOR PROPAGATION DELAY
VOD = 5mV
2
2.4
2.2
2.8
3.0
2.6
3.4
3.6
3.2
3.8
080
40
120
160
20
100
60
140
180 200
COMPARATOR PROPAGATION DELAY
vs. OVERDRIVE VOLTAGE
OVERDRIVE VOLTAGE (mV)
0
2
1
4
3
6
5
7
-50
-10
10
-30
30507090
COMPARATOR PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (°C)
VOD = 5mV
Typical Operating Characteristics (continued)
(VRS+ = +12V, VCC = +12V, RLOAD = 1MΩ, VRESET = 0V, VSENSE = 100mV, VPULL-UP = +5V, RPULL-UP = 10kΩ, TA = +25°C, unless
otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com