Electronic Components Datasheet Search
  English  ▼

X  

MAX4374 Datasheet(PDF) 9 Page - Analog Devices

Part # MAX4374
Description  Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4374 Datasheet(HTML) 9 Page - Analog Devices

Back Button MAX4374 Datasheet HTML 5Page - Analog Devices MAX4374 Datasheet HTML 6Page - Analog Devices MAX4374 Datasheet HTML 7Page - Analog Devices MAX4374 Datasheet HTML 8Page - Analog Devices MAX4374 Datasheet HTML 9Page - Analog Devices MAX4374 Datasheet HTML 10Page - Analog Devices MAX4374 Datasheet HTML 11Page - Analog Devices MAX4374 Datasheet HTML 12Page - Analog Devices MAX4374 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MAX4373/MAX4374/MAX4375
Low-Cost, Micropower, High-Side
Current-Sense Amplifier +
Comparator + Reference ICs
Maxim Integrated | 9
www.maximintegrated.com
FUNCTION
Detailed Description
The MAX4373 high-side current-sense supervisor fea-
tures a high-side current-sense amplifier, bandgap ref-
erence, and comparator with latching output to monitor
a supply for an overcurrent condition (Figure 1). The
latching output allows the comparator to shut down a
power supply without oscillations. The MAX4374/
MAX4375 offer an additional comparator to allow win-
dow detection of the current.
Current-Sense Amplifier
The internal current-sense amplifier features a 0V to
+28V input common-mode range that is independent of
the supply voltage. With this feature, the device can
monitor the output current of a battery in deep dis-
charge and also high-side current-sensing voltages
exceeding VCC.
The current-sense amplifier is also suitable for low-side
current sensing. However, the total output voltage error
will increase when VRS+ falls below 2V, as shown in
the
Electrical Characteristics and Typical Operating
Characteristics.
Pin Description
Figure 1. Functional Diagram
FUNCTION
NAME
1
1
VCC
2
2
OUT
PIN
3
3
CIN1
—
4
CIN2
—
7
COUT2
6
8
COUT1
5
6
RESET
4
5
GND
—
—
N.C.
8
10
RS+
7
9
RS-
Supply Voltage Input
1
2
4
5
10
11
8
7
3, 6, 9, 12
14
13
MAX4374/MAX4375
Voltage Output. VOUT is proportional to VSENSE (VRS+ - VRS-).
MAX4373
Comparator Input 1. Positive input of an internal comparator. The nega-
tive terminal is connected to a 0.6V internal reference.
Comparator Input 2. Terminal of a second internal comparator. The pos-
itive terminal for the MAX4374 and the negative terminal for the
MAX4375. The other terminal is connected to a 0.6V internal reference.
Open-Drain Comparator Output. Output of the second unlatched inter-
nal comparator.
Open-Drain Comparator Output. Latching output of the comparator con-
trolled by CIN1. Connect
RESET to GND to disable the latch.
Reset Input. Resets the output latch of the comparator at CIN1.
µMAX
Ground
µMAX/SO
SO
No Connection. Not internally connected.
Power Connection to the External Sense Resistor
Load-Side Connection for the External Sense Resistor
RS-
RS+
OUT
CIN2
GND
CIN1
LOAD
VIN = 0 TO 28V
VCC
RESET
0.6V
BANDGAP
REFERENCE
RSENSE
+ VSENSE -
VPULL-UP
(UP TO 5V)
R2
R1
R4
R5
VPULL-UP
(UP TO 5V)
R6
MAX4374
(MAX4375)
R3
COUT1
COUT2
CURRENT-
SENSE
AMPLIFIER
+
-
+(-)
-(+)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com