Electronic Components Datasheet Search
  English  ▼

X  

MAX4374 Datasheet(PDF) 13 Page - Analog Devices

Part # MAX4374
Description  Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4374 Datasheet(HTML) 13 Page - Analog Devices

Back Button MAX4374 Datasheet HTML 5Page - Analog Devices MAX4374 Datasheet HTML 6Page - Analog Devices MAX4374 Datasheet HTML 7Page - Analog Devices MAX4374 Datasheet HTML 8Page - Analog Devices MAX4374 Datasheet HTML 9Page - Analog Devices MAX4374 Datasheet HTML 10Page - Analog Devices MAX4374 Datasheet HTML 11Page - Analog Devices MAX4374 Datasheet HTML 12Page - Analog Devices MAX4374 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
MAX4373/MAX4374/MAX4375
Low-Cost, Micropower, High-Side
Current-Sense Amplifier +
Comparator + Reference ICs
Maxim Integrated cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim Integrated product. No circuit patent
licenses are implied. Maxim Integrated reserves the right to change the circuitry and specifications without notice at any time. The parametric values (min and
max limits) shown in the Electrical Characteristics table are guaranteed. Other parametric values quoted in this data sheet are provided for guidance.
Maxim Integrated and the Maxim Integrated logo are trademarks of Maxim Integrated Products, Inc.
© 2015 Maxim Integrated Products, Inc. | 13
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642, or visit Maxim Integrated’s website at www.maximintegrated.com.
Revision History
REVISION
NUMBER
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
3
6/10
Clarified 0V to 2V is not a high-accuracy range for the device, added lead-free
options and soldering temperature
1, 2, 12
4
1/11
Clarified VRS+ conditions in Electrical Characteristics table
2
5
5/15
Added the Benefits and Features section
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com