Electronic Components Datasheet Search
  English  ▼

X  

MAX4374 Datasheet(PDF) 3 Page - Analog Devices

Part # MAX4374
Description  Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4374 Datasheet(HTML) 3 Page - Analog Devices

  MAX4374 Datasheet HTML 1Page - Analog Devices MAX4374 Datasheet HTML 2Page - Analog Devices MAX4374 Datasheet HTML 3Page - Analog Devices MAX4374 Datasheet HTML 4Page - Analog Devices MAX4374 Datasheet HTML 5Page - Analog Devices MAX4374 Datasheet HTML 6Page - Analog Devices MAX4374 Datasheet HTML 7Page - Analog Devices MAX4374 Datasheet HTML 8Page - Analog Devices MAX4374 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MAX4373/MAX4374/MAX4375
Low-Cost, Micropower, High-Side
Current-Sense Amplifier +
Comparator + Reference ICs
Maxim Integrated | 3
www.maximintegrated.com
Electrical Characteristics (continued)
(VCC = +2.7V to +28V, VRS+ = 0 to +28V, VSENSE = 0V, VRESET = 0V, RLOAD= 1MΩ, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.) (Note 1)
±0.3
±1.7
±2.7
TA = -40°C to +85°C
TA = +25°C
VSENSE =
20mV to 100mV,
VCC = 12V, VRS+ =
12V, Gain = 100
Output Low Voltage
VOL
0.6
V
ISINK = 1mA
Propagation Delay
4
µs
CL = 10pF, RL = 10kΩ pull-up to 5V,
5mV of overdrive
Input Bias Current
IB
±2.2
±15
nA
Comparator Hysteresis
-9
mV
0.1
ms
Saturation Recovery Time
(Note 8)
VCC = 12V, VRS+ = 12V, CLOAD = 10pF
dB
ms
Power-Supply Rejection
Power-Up Time to 1% of Final
Value
PSR
20
VSENSE = 100mV to
6.25mV
VSENSE = 6.25mV to
100mV
±2.7
TA = -40°C to +85°C
TA = +25°C
+50
+100
MAX437_F
MAX437_H
VSENSE = 6.25mV
VSENSE = 100mV,
Gain = +100V/V
VSENSE = 100mV,
Gain = +50V/V
VSENSE = 100mV,
Gain = +20V/V
50
110
120
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
72
87
OUT Output Resistance
ROUT
1.5
Ω
Capacitive Load Stability
1000
pF
OUT Settling Time to 1% of
Final Value
20
µs
0.5
Comparator Threshold
VTH
590
600
610
mV
Gain
-3dB Bandwidth
BW
200
kHz
AV
+20
V/V
Gain Accuracy
ΔAV
±0.3
±1.7
%
CONDITIONS
VOUT = 2V, VRS+ > 2V
VSENSE = 100mV
No sustained oscillations
Gain = +20V/V,
VCC = 12V,
VRS+ = 12V,
CLOAD = 10pF
VSENSE = 100mV, CLOAD = 10pF,
VCC = 12V, VRS+ = 12V
TA = +25°C
VRS+ = 12V,
VCC = 12V,
CLOAD = 10pF
MAX437_T
VSENSE =
20mV to 150mV;
VCC = 12V; VRS+ =
12V; Gain = 20, 50
586
614
TA = TMIN to TMAX
COMPARATOR (Note 9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com