Electronic Components Datasheet Search
  English  ▼

X  

MAX4374 Datasheet(PDF) 11 Page - Analog Devices

Part # MAX4374
Description  Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4374 Datasheet(HTML) 11 Page - Analog Devices

Back Button MAX4374 Datasheet HTML 5Page - Analog Devices MAX4374 Datasheet HTML 6Page - Analog Devices MAX4374 Datasheet HTML 7Page - Analog Devices MAX4374 Datasheet HTML 8Page - Analog Devices MAX4374 Datasheet HTML 9Page - Analog Devices MAX4374 Datasheet HTML 10Page - Analog Devices MAX4374 Datasheet HTML 11Page - Analog Devices MAX4374 Datasheet HTML 12Page - Analog Devices MAX4374 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MAX4373/MAX4374/MAX4375
Low-Cost, Micropower, High-Side
Current-Sense Amplifier +
Comparator + Reference ICs
Maxim Integrated | 11
www.maximintegrated.com
Power-Supply Bypassing
It is recommended that VCC be bypassed to GND with
at least a 0.1µF ceramic capacitor to isolate the IC from
supply voltage transients. It is possible that plugging
in/out a battery or AC adapter/charger could cause
large, fast line transients (>5V/µs) at VCC. The simplest
solution is to run VCC from a better regulated supply
(+5V for example), since VCC and RS+ (or RS-) do not
have to be connected together.
For high-speed VCC transients, another solution is to
add a resistor in series with the VCC pin and a 0.1µF
capacitor to create an RC time constant to slow the rise
time of the transient. Since these current-sense ampli-
fiers consume less than 100µA, even a 2.5kΩ resistor
only drops an extra 250mV at VCC. For most applica-
tions with fast transients, 1kΩ in conjunction with a
0.1µF bypass capacitor works well.
RESET at Power-Up
The
RESET pin is used to control the latch function of
comparator 1. Holding
RESET low (<0.8V) makes the
latch transparent and COUT1 will respond to changes
at CIN1, above and below the internal 600mV reference
threshold voltage. When
RESET is high (>2.0V), once
CIN1 rises above 600mV, COUT1 latches into the
open-drain OFF state and remains in this state even if
CIN1 drops below 600mV. Pulsing
RESET low for at
least 1.5µs resets the latch.
There is no internal circuitry to control the reset function
during power-up. To prevent false latching,
RESET
must be held low until the VCC power has risen above
the 2.7V minimum operating supply voltage. This is
easily accomplished when
RESET is driven under µC or
logic gate control. However, if
RESET is to be always
connected high, add an RC between VCC, RESET and
GND (see Figure 2). Note that
RESET cannot exceed
VCC + 0.3V or +12V, whichever is less.
The following formula can be used to determine the
appropriate RC value.
where T is the maximum time for VCC to reach 2.7V and
0.8V is the maximum
RESET logic low voltage. For
example, a 470kΩ resistor and 0.22µF capacitor will
keep
RESET low during a power-up time of up to 36ms.
A faster power-up time is also safe with the calculated
R and C since the capacitor will have even less time to
charge.
RC
T
VV
V
T
=
−
()
=
ln .
/( .
.
)
.
2 7
2 7
0 8
0 3514
RS-
RS+
OUT
CIN1
CIN2
LOAD
VCC = 2.7V TO 28V
VIN = 0 TO 28V
MAX4375
GND
VCC
GND
R5
R4
RSENSE
+ VSENSE -
R3
COUT1
R2
R1
COUT2
ILOAD
RESET
VPULL-UP
(UP TO 5V)
Figure 3. MAX4375 Window Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com