Electronic Components Datasheet Search
  English  ▼

X  

MAX4372F Datasheet(PDF) 6 Page - Analog Devices

Part # MAX4372F
Description  Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4372F Datasheet(HTML) 6 Page - Analog Devices

Back Button MAX4372F Datasheet HTML 2Page - Analog Devices MAX4372F Datasheet HTML 3Page - Analog Devices MAX4372F Datasheet HTML 4Page - Analog Devices MAX4372F Datasheet HTML 5Page - Analog Devices MAX4372F Datasheet HTML 6Page - Analog Devices MAX4372F Datasheet HTML 7Page - Analog Devices MAX4372F Datasheet HTML 8Page - Analog Devices MAX4372F Datasheet HTML 9Page - Analog Devices MAX4372F Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Detailed Description
The MAX4372 high-side current-sense amplifier features
a 0 to 28V input common-mode range that is indepen-
dent of supply voltage. This feature allows the monitoring
of current flow out of a battery in deep discharge, and
also enables high-side current sensing at voltages far in
excess of the supply voltage (VCC).
Current flows through the sense resistor, generating a
sense voltage (Figure 1. Functional Diagram). Since
A1’s inverting input is high impedance, the voltage on
the negative terminal equals VIN - VSENSE. A1 forces its
positive terminal to match its negative terminal; therefore,
the voltage across RG1 (VIN - V1-) equals VSENSE. This
creates a current to flow through RG1 equal to VSENSE/
RG1. The transistor and current mirror amplify the current
by a factor of β. This makes the current flowing out of the
current mirror equal to:
IM = β VSENSE/RG1
A2’s positive terminal presents high impedance, so this
current flows through RGD, with the following result:
V2+ = RGD β x VSENSE/RG1
R1 and R2 set the closed-loop gain for A2, which ampli-
fies V2+, yielding:
VOUT = RGD x β x VSENSE/RG1 (1 + R2/R1)
The gain of the device equals:
OUT
SEN
G1
SE
RGD x (1 + R2/R1)
V
V
/R
β
=
Applications Information
Recommended Component Values
The MAX4372 operates over a wide variety of current
ranges with different sense resistors. Table 1 lists com-
mon resistor values for typical operation of the MAX4372.
Choosing RSENSE
Given the gain and maximum load current, select RSENSE
such that VOUT does not exceed VCC - 0.25V or 10V. To
measure lower currents more accurately, use a high value
for RSENSE. A higher value develops a higher sense volt-
age, which overcomes offset voltage errors of the internal
current amplifier.
In applications monitoring very high current, ensure
RSENSE is able to dissipate its own I2R losses. If the
resistor’s rated power dissipation is exceeded, its value
may drift or it may fail altogether, causing a differential
voltage across the terminals in excess of the absolute
maximum ratings.
Figure 1. Functional Diagram
MAX4372T/F/H
Low-Cost, UCSP/SOT23, Micropower, High-Side
Current-Sense Amplifier with Voltage Output
www.maximintegrated.com
Maxim Integrated │ 6
Pin/Bump Description
PIN
BUMP
NAME
FUNCTION
SOT23
SO
UCSP
1
3
A2
GND
Ground
2
4
A3
OUT
Output Voltage. VOUT is proportional to the magnitude of VSENSE
(VRS+ - VRS-).
3
1
A1
VCC
Supply Voltage. Use at least a 0.1μF capacitor to decouple VCC from fast
transients.
4
8
B1
RS+
Power Connection to the External Sense Resistor
5
6
B3
RS-
Load-Side Connection to the External Sense Resistor
—
2, 5, 7
—
N.C.
No Connection. Not internally connected.
GND
TO
LOAD
VIN
0 TO 28V
2.7V
TO
28V
R1
RGD
RG2
100kΩ
RS+
RS-
RG1
100kΩ
R2
OUT
V2+
V1+
V1-
V2-
VCC
RSENSE
ILOAD
IM
VSENSE
CURRENT
MIRROR
A1
A2
MAX4372T
MAX4372F
MAX4372H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com