Electronic Components Datasheet Search
  English  ▼

X  

MAX4372F Datasheet(PDF) 7 Page - Analog Devices

Part # MAX4372F
Description  Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4372F Datasheet(HTML) 7 Page - Analog Devices

Back Button MAX4372F Datasheet HTML 3Page - Analog Devices MAX4372F Datasheet HTML 4Page - Analog Devices MAX4372F Datasheet HTML 5Page - Analog Devices MAX4372F Datasheet HTML 6Page - Analog Devices MAX4372F Datasheet HTML 7Page - Analog Devices MAX4372F Datasheet HTML 8Page - Analog Devices MAX4372F Datasheet HTML 9Page - Analog Devices MAX4372F Datasheet HTML 10Page - Analog Devices MAX4372F Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Using a PC Board Trace as RSENSE
If the cost of RSENSE is an issue and accuracy is not criti-
cal, use the alternative solution shown in Figure 2. This
solution uses copper PC board traces to create a sense
resistor. The resistivity of a 0.1in wide trace of 2oz copper
is about 30mΩ/ft. The resistance temperature coefficient
of copper is fairly high (approximately 0.4%/°C), so sys-
tems that experience a wide temperature variance must
compensate for this effect. In addition, self-heating intro-
duces a nonlinearity error. Do not exceed the maximum
power dissipation of the copper trace.
For example, the MAX4372T (with a maximum load cur-
rent of 10A and an RSENSE of 5mΩ) creates a full-scale
VSENSE of 50mV that yields a maximum VOUT of 1V.
RSENSE, in this case, requires about 2in of 0.1in wide
copper trace.
UCSP Applications Information
For the latest application details on UCSP construction,
dimensions, tape carrier information, printed circuit board
techniques, bump-pad layout, and recommended reflow
temperature profile, as well as the latest information on
reliability testing results, go to the Maxim’s website at
www.maxim-ic.com/ucsp to find the Application Note:
UCSP—A Wafer-Level Chip-Scale Package.
Figure 2. Connections Showing Use of PC Board
Table 1. Recommended Component Values
MAX4372T/F/H
Low-Cost, UCSP/SOT23, Micropower, High-Side
Current-Sense Amplifier with Voltage Output
www.maximintegrated.com
Maxim Integrated │ 7
FULL-SCALE LOAD
CURRENT,
ILOAD (A)
CURRENT-SENSE
RESISTOR,
RSENSE (mΩ)
GAIN
(V/V)
FULL-SCALE OUTPUT
VOLTAGE (FULL-SCALE
VSENSE = 100mV),
VOUT (V)
0.1
1000
20
2.0
50
5.0
100
10.0
1
100
20
2.0
50
5.0
100
10.0
5
20
20
2.0
50
5.0
100
10.0
10
10
20
2.0
50
5.0
100
10.0
0.1in COPPER
0.3in COPPER
0.3in COPPER
INPUT
LOAD/BATTERY
VCC
VSENSE
RSENSE
GND
2.7V TO 28V
RS+
RS-
OUT
MAX4372T
MAX4372F
MAX4372H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com