Electronic Components Datasheet Search
  English  ▼

X  

MAX4372F Datasheet(PDF) 8 Page - Analog Devices

Part # MAX4372F
Description  Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4372F Datasheet(HTML) 8 Page - Analog Devices

Back Button MAX4372F Datasheet HTML 4Page - Analog Devices MAX4372F Datasheet HTML 5Page - Analog Devices MAX4372F Datasheet HTML 6Page - Analog Devices MAX4372F Datasheet HTML 7Page - Analog Devices MAX4372F Datasheet HTML 8Page - Analog Devices MAX4372F Datasheet HTML 9Page - Analog Devices MAX4372F Datasheet HTML 10Page - Analog Devices MAX4372F Datasheet HTML 11Page - Analog Devices MAX4372F Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MAX4372T/F/H
Low-Cost, UCSP/SOT23, Micropower, High-Side
Current-Sense Amplifier with Voltage Output
www.maximintegrated.com
Maxim Integrated │ 8
Ordering Information (continued)
Pin Configurations (continued)
PART
TEMP
RANGE
PIN-
PACKAGE
TOP
MARK
MAX4372FEUK+T
-40°C to +85°C 5 SOT23
ADIV
MAX4372FESA+
-40°C to +85°C 8 SO
—
MAX4372FEBT+T
-40°C to +85°C 3 x 2 UCSP
ACX
MAX4372HEUK+T -40°C to +85°C 5 SOT23
ADIW
MAX4372HESA+
-40°C to +85°C 8 SO
—
MAX4372HEBT+T
-40°C to +85°C 3 x 2 UCSP
ACZ
Chip Information
PROCESS: BiCMOS
RS-
N.C.
OUT
1
2
8
7
RS+
N.C.
N.C.
GND
VCC
SO
3
4
6
5
MAX4372T
MAX4372F
MAX4372H
+Denotes lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com