Electronic Components Datasheet Search
  English  ▼

X  

MAX4372F Datasheet(PDF) 3 Page - Analog Devices

Part # MAX4372F
Description  Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4372F Datasheet(HTML) 3 Page - Analog Devices

  MAX4372F Datasheet HTML 1Page - Analog Devices MAX4372F Datasheet HTML 2Page - Analog Devices MAX4372F Datasheet HTML 3Page - Analog Devices MAX4372F Datasheet HTML 4Page - Analog Devices MAX4372F Datasheet HTML 5Page - Analog Devices MAX4372F Datasheet HTML 6Page - Analog Devices MAX4372F Datasheet HTML 7Page - Analog Devices MAX4372F Datasheet HTML 8Page - Analog Devices MAX4372F Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
(VRS+ = 0 to 28V, VCC = 2.7V to 28V, VSENSE = 0V, RLOAD = 1MΩ, TA = TMIN to TMAX, unless otherwise noted. Typical values are
at TA = +25°C.) (Note 1)
Note 1: All devices are 100% production tested at TA = +25°C. All temperature limits are guaranteed by design.
Note 2: Guaranteed by PSR test.
Note 3: Guaranteed by OUT voltage error test.
Note 4: Output voltage is internally clamped not to exceed 12V.
Note 5: VOS is extrapolated from the gain accuracy tests.
Note 6: Total OUT voltage error is the sum of gain and offset voltage errors.
Note 7: Measured at IOUT = -500μA (RLOAD = 4kΩ for gain = 20V/V, RLOAD = 10kΩ for gain = 50V/V, RLOAD = 20kΩ for gain = 100V/V).
Note 8: 6.25mV = 1/16 of 100mV full-scale voltage (C/16).
Note 9: The device does not reverse phase when overdriven.
MAX4372T/F/H
Low-Cost, UCSP/SOT23, Micropower, High-Side
Current-Sense Amplifier with Voltage Output
www.maximintegrated.com
Maxim Integrated │ 3
Electrical Characteristics (continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OUT Low Voltage
(MAX4372T, MAX4372F)
VOL
VCC = 2.7V,
VSENSE = -10mV,
VRS+ = 28V
IOUT = 10μA
2.6
mV
IOUT = 100μA
9
65
OUT Low Voltage
(MAX4372H)
VOL
VCC = 2.7V,
VSENSE = -10mV,
VRS+ = 12V
IOUT = 10μA
2.6
mV
IOUT = 100μA
9
65
OUT High Voltage
VCC - VOH
VCC = 2.7V, IOUT = -500μA,
VSENSE = 250mV, VRS+ = 28V
0.1
0.25
V
-3dB Bandwidth
BW
VRS+ = 12V,
VCC = 12V,
CLOAD = 10pF
VSENSE = 20mV,
gain = 20V/V
275
kHz
VSENSE = 20mV,
gain = 50V/V
200
VSENSE = 20mV,
gain = 100V/V
110
VSENSE = 6.25mV
50
Gain
MAX4372T
20
V/V
MAX4372F
50
MAX4372H
100
Gain Accuracy
VSENSE = 20mV
to 100mV, VRS+=12V
TA = +25°C
±0.25
±2.5
%
TA = -40°C to +85°C
±5.5
OUT Settling Time to 1% of
Final Value
Gain = 20V/V,
VCC = 12V,
VRS+ = 12V,
CLOAD = 10pF
VSENSE = 6.25mV to
100mV
20
µs
VSENSE = 100mV to
6.25mV
20
Capacitive-Load Stability
No sustained oscillations
1000
pF
OUT Output Resistance
ROUT
VSENSE = 100mV
1.5
Ω
Power-Supply Rejection
PSR
VOUT = 2V, VRS+ > 2V
75
85
dB
Power-Up Time to 1% of
Final Value
VCC = 12V, VRS+ = 12V,
VSENSE = 100mV, CLOAD = 10pF
0.5
ms
Saturation Recovery Time
(Note 9)
VCC = 12V, VRS+ = 12V, CLOAD = 10pF
0.1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com