Electronic Components Datasheet Search
  English  ▼

X  

MAX4372F Datasheet(PDF) 1 Page - Analog Devices

Part # MAX4372F
Description  Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4372F Datasheet(HTML) 1 Page - Analog Devices

  MAX4372F Datasheet HTML 1Page - Analog Devices MAX4372F Datasheet HTML 2Page - Analog Devices MAX4372F Datasheet HTML 3Page - Analog Devices MAX4372F Datasheet HTML 4Page - Analog Devices MAX4372F Datasheet HTML 5Page - Analog Devices MAX4372F Datasheet HTML 6Page - Analog Devices MAX4372F Datasheet HTML 7Page - Analog Devices MAX4372F Datasheet HTML 8Page - Analog Devices MAX4372F Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX4372 low-cost, precision, high-side current-
sense amplifier is available in a tiny, space-saving
SOT23 5-pin package. Offered in three gain versions
(T = 20V/V, F = 50V/V, and H = 100V/V), this device oper-
ates from a single 2.7V to 28V supply and consumes only
30μA. It features a voltage output that eliminates the need
for gain-setting resistors and is ideal for today’s notebook
computers, cell phones, and other systems where battery/
DC current monitoring is critical.
High-side current monitoring is especially useful in bat-
tery-powered systems since it does not interfere with the
ground path of the battery charger. The input common-
mode range of 0 to 28V is independent of the supply volt-
age and ensures that the current-sense feedback remains
viable even when connected to a 2-cell battery pack in
deep discharge.
The user can set the full-scale current reading by choos-
ing the device (T, F, or H) with the desired voltage gain
and selecting the appropriate external sense resistor.
This capability offers a high level of integration and flex-
ibility, resulting in a simple and compact current-sense
solution. For higher bandwidth applications, refer to the
MAX4173T/F/H data sheet.
Applications
● Power-Management Systems
● General-System/Board-Level Current Monitoring
● Notebook Computers
● Portable/Battery-Powered Systems
● Smart-Battery Packs/Chargers
● Cell Phones
● Precision-Current Sources
Features
● Low-Cost, Compact Current-Sense Solution
● 30μA Supply Current
● 2.7V to 28V Operating Supply
● 0.18% Full-Scale Accuracy
● 0.3mV Input Offset Voltage
● Low 1.5Ω Output Impedance
● Three Gain Versions Available
• 20V/V (MAX4372T)
• 50V/V (MAX4372F)
• 100V/V (MAX4372H)
● High Accuracy +2V to +28V Common-Mode Range,
Functional Down to 0V, Independent of Supply
Voltage
● Available in a Space-Saving 5-Pin SOT23 Package
and 3 x 2 UCSP™ (1mm x 1.5mm) Package
Ordering Information appears at end of data sheet.
UCSP is a trademark of Maxim Integrated Products, Inc.
Pin Configurations continued at end of datasheet.
19-1548; Rev 5; 5/11
+Denotes lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.
*
Note: Gain values are as follows: 20V/V for the T version,
50V/V for the F version, and 100V/V for the H version.
MAX4372T/F/H
Low-Cost, UCSP/SOT23, Micropower, High-Side
Current-Sense Amplifier with Voltage Output
Pin Configurations
Typical Operating Circuit
Ordering Information
PART
TEMP
RANGE
PIN-
PACKAGE
TOP
MARK
MAX4372TEUK+T
-40°C to +85°C 5 SOT23
ADIU
MAX4372TESA+
-40°C to +85°C 8 SO
—
MAX4372TEBT+T
-40°C to +85°C 3 x 2 UCSP
ACX
RS+
1
5 RS-
SOT23
UCSP
TOP VIEW
TOP VIEW
(BUMPS ON BOTTOM)
2
3
4
OUT
OUT
VCC
VCC
GND
GND
2
3
1
A
B
RS+
RS-
MAX4372T
MAX4372F
MAX4372H
MAX4372T
MAX4372F
MAX4372H
RS-
OUT
A/D
CONVERTER
VCC
VCC
GND
RS+
RSENSE
VSENSE
ILOAD
VIN
0 TO 28V
+2.7V TO +28V
0.1µF
MAX4372T
MAX4372F
MAX4372H
LOAD/
BATTERY


Similar Part No. - MAX4372F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4372F MAXIM-MAX4372F Datasheet
225Kb / 11P
Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 4; 7/09
MAX4372FESA MAXIM-MAX4372FESA Datasheet
111Kb / 8P
Low-Cost, SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 0; 10/99
MAX4372FEUK MAXIM-MAX4372FEUK Datasheet
1Mb / 11P
Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 5; 5/11
MAX4372FEUK-T MAXIM-MAX4372FEUK-T Datasheet
111Kb / 8P
Low-Cost, SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 0; 10/99
More results

Similar Description - MAX4372F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4073T MAXIM-MAX4073T Datasheet
261Kb / 10P
Low-Cost, SC70, Voltage-Output, High-Side Current-Sense Amplifier
19-2048; Rev 0; 4/01
MAX4173T MAXIM-MAX4173T Datasheet
204Kb / 12P
Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier
Rev 1; 5/99
MAX4372T MAXIM-MAX4372T Datasheet
111Kb / 8P
Low-Cost, SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 0; 10/99
logo
Analog Devices
ADM4073 AD-ADM4073 Datasheet
263Kb / 12P
Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
7/06-Revision 0
logo
Maxim Integrated Produc...
MAX4372T MAXIM-MAX4372T_09 Datasheet
225Kb / 11P
Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 4; 7/09
MAX4173T MAXIM-MAX4173T_11 Datasheet
1Mb / 10P
Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier 420μA of supply current
Rev 5; 4/11
MAX4073T MAXIM-MAX4073T_12 Datasheet
519Kb / 12P
Low-Cost, SC70, Voltage-Output, High-Side Current-Sense Amplifier
Rev 1; 8/12
MAX4372FEUK MAXIM-MAX4372FEUK Datasheet
1Mb / 11P
Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 5; 5/11
logo
Analog Devices
ADM4073 AD-ADM4073_15 Datasheet
284Kb / 12P
Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
REV. A
logo
Maxim Integrated Produc...
MAX4372T MAXIM-MAX4372T_V01 Datasheet
1Mb / 12P
Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com