Electronic Components Datasheet Search
  English  ▼

X  

DS1685 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1685
Description  3V/5V Real-Time Clocks
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1685 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1685 Datasheet HTML 1Page - Dallas Semiconductor DS1685 Datasheet HTML 2Page - Dallas Semiconductor DS1685 Datasheet HTML 3Page - Dallas Semiconductor DS1685 Datasheet HTML 4Page - Dallas Semiconductor DS1685 Datasheet HTML 5Page - Dallas Semiconductor DS1685 Datasheet HTML 6Page - Dallas Semiconductor DS1685 Datasheet HTML 7Page - Dallas Semiconductor DS1685 Datasheet HTML 8Page - Dallas Semiconductor DS1685 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
1 of 39
REV: 112105
FEATURES
Incorporates Industry-Standard DS1287 PC Clock
plus Enhanced Features Such as: Y2K Compliant
+3V or +5V Operation
64-Bit Silicon Serial Number
Power-Control Circuitry Supports System
Power-On from Date/Time Alarm or Key
Closure
32kHz Output for Power Management
Crystal-Select Bit Allows RTC to Operate with
6pF or 12.5pF Crystal
SMI Recovery Stack
242 Bytes Battery-Backed NV RAM
Auxiliary Battery Input
RAM Clear Input
Century Register
Date Alarm Register
Compatible with Existing BIOS for Original
DS1287 Functions
Available as Chip (DS1685) or Stand-Alone
Encapsulated DIP (EDIP) with Embedded
Battery and Crystal (DS1687)
Timekeeping Algorithm Includes Leap-Year
Compensation Valid Through 2099
Underwriters Laboratory (UL) Recognized
APPLICATIONS
Embedded Systems
Utility Meters
Security Systems
Network Hubs, Bridges, and Routers
PIN CONFIGURATIONS
DS1685/DS1687
3V/5V Real-Time Clocks
www.maxim-ic.com
PLCC
AD0
AD1
AD2
AD3
AD4
AD5
RCLR
VBAT
IRQ
KS
RD
GND
WR
25
24
23
22
21
20
19
5
6
7
8
9
10
11
4
3
2
1 28 27 26
12 13 14
15 16
17 18
N.C.
DS1685Q
DIP (0.600
″)/
SO (0.300
″)/
TSSOP (0.173
″)
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
15
VCC
SQW
VBAUX
RCLR
VBAT
IRQ
KS
RD
GND
WR
PWR
X1
X2
AD0
AD1
AD2
AD3
AD4
AD5
AD6
11
12
14
13
AD7
GND
ALE
CS
DS1685/
DS1685S/
DS1685E
EDIP (0.740
″)
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
15
V
CC
SQW
V
BAUX
RCLR
N.C.
IRQ
KS
RD
N.C.
WR
PWR
N.C.
N.C.
AD0
AD1
AD2
AD3
AD4
AD5
AD6
11
12
14
13
AD7
GND
ALE
CS
DS1687
TOP VIEW


Similar Part No. - DS1685

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685 Datasheet
350Kb / 34P
3V/5V Real-Time Clocks
Rev 4/10
DS1685-3+ MAXIM-DS1685-3+ Datasheet
350Kb / 34P
3V/5V Real-Time Clocks
Rev 4/10
DS1685-3 MAXIM-DS1685-3_12 Datasheet
654Kb / 34P
3V/5V Real-Time Clocks
Rev 10/12
DS1685-5+ MAXIM-DS1685-5+ Datasheet
350Kb / 34P
3V/5V Real-Time Clocks
Rev 4/10
More results

Similar Description - DS1685

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS17285 DALLAS-DS17285 Datasheet
411Kb / 38P
3V/5V Real-Time Clock
DS17485 DALLAS-DS17485 Datasheet
427Kb / 38P
3V/5V Real-Time Clock
DS17885-DS17887 DALLAS-DS17885-DS17887 Datasheet
410Kb / 38P
3V/5V Real-Time Clock
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
3V/5V Real-Time Clocks
REV: 032604
logo
Dallas Semiconductor
DS1688 DALLAS-DS1688_05 Datasheet
395Kb / 6P
3V/5V Serialized Real-Time Clocks with NV RAM Control
DS1689 DALLAS-DS1689_05 Datasheet
593Kb / 36P
3V/5V Serialized Real-Time Clocks with NV RAM Control
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
3V/5V Real-Time Clocks
Rev 4/10
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
3V/5V Real-Time Clocks
Rev 10/12
DS1688 MAXIM-DS1688 Datasheet
99Kb / 3P
3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
DS1689 MAXIM-DS1689 Datasheet
599Kb / 36P
3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com