Electronic Components Datasheet Search
  English  ▼

X  

DS1685 Datasheet(PDF) 33 Page - Dallas Semiconductor

Part # DS1685
Description  3V/5V Real-Time Clocks
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1685 Datasheet(HTML) 33 Page - Dallas Semiconductor

Back Button DS1685 Datasheet HTML 29Page - Dallas Semiconductor DS1685 Datasheet HTML 30Page - Dallas Semiconductor DS1685 Datasheet HTML 31Page - Dallas Semiconductor DS1685 Datasheet HTML 32Page - Dallas Semiconductor DS1685 Datasheet HTML 33Page - Dallas Semiconductor DS1685 Datasheet HTML 34Page - Dallas Semiconductor DS1685 Datasheet HTML 35Page - Dallas Semiconductor DS1685 Datasheet HTML 36Page - Dallas Semiconductor DS1685 Datasheet HTML 37Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
DS1685/DS1687 3V/5V Real-Time Clocks
33 of 39
WAKE-UP/KICKSTART TIMING
Note 1:
All voltages are referenced to ground.
Note 2:
Typical values are at +25°C and nominal supplies.
Note 3:
Outputs are open.
Note 4:
Applies to the AD0–AD7 pins and the SQW pin when each is in a high-impedance state.
Note 5:
The
IRQ and PWR pins are open-drain outputs.
Note 6:
Measured with a load of 50pF + 1 TTL gate.
Note 7:
Wake-up kickstart timeout generated only when the oscillator is enabled and the countdown chain is not reset.
Note 8:
VSW is determined by the larger of VBAT and VBAUX.
Note 9:
The DS1687 keeps time to an accuracy of ±1 minute per month at 25°C during data retention time for the period of tDR.
Note 10: tDR is the amount of time that the internal battery can power the internal oscillator and internal registers of the DS1687
at 25°C.
Note 11: RTC Encapsulate DIP modules can be successfully processed through conventional wave-soldering techniques as
long as temperature exposure to the lithium energy source contained within does not exceed +85°C. Post solder
cleaning with water washing techniques is acceptable, if ultrasonic vibration is not used.
Note 12: IBAT1 and IBAT2 are measured at VBAT or VBAUX = 3.5V and with recommended crystal type on X1 and X2.
*THIS CONDITION CAN OCCUR WITH THE 3V DEVICE.
NOTE: TIME INTERVALS SHOWN ABOVE ARE REFERENCED IN WAKE-UP/KICKSTART SECTION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com