Electronic Components Datasheet Search
  English  ▼

X  

DS1685 Datasheet(PDF) 19 Page - Dallas Semiconductor

Part # DS1685
Description  3V/5V Real-Time Clocks
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1685 Datasheet(HTML) 19 Page - Dallas Semiconductor

Back Button DS1685 Datasheet HTML 15Page - Dallas Semiconductor DS1685 Datasheet HTML 16Page - Dallas Semiconductor DS1685 Datasheet HTML 17Page - Dallas Semiconductor DS1685 Datasheet HTML 18Page - Dallas Semiconductor DS1685 Datasheet HTML 19Page - Dallas Semiconductor DS1685 Datasheet HTML 20Page - Dallas Semiconductor DS1685 Datasheet HTML 21Page - Dallas Semiconductor DS1685 Datasheet HTML 22Page - Dallas Semiconductor DS1685 Datasheet HTML 23Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
DS1685/DS1687 3V/5V Real-Time Clocks
19 of 39
Figure 5. DS1685/DS1687 Register Map and Extended Register Bank Definition
MSB
BANK 0 DV0
= 0
LSB
MSB
BANK 1
DV0 =
1
LSB
00
00
0D
TIMEKEEPING AND CONTROL
0D
TIMEKEEPING AND CONTROL
0E
0E
3F
50 BYTES-USER RAM
3F
50 BYTES-USER RAM
40
MODEL NUMBER BYTE
41
1
ST BYTE SERIAL NUMBER
42
2
ND BYTE SERIAL NUMBER
43
3
RD BYTE SERIAL NUMBER
44
4
TH BYTE SERIAL NUMBER
45
5
TH BYTE SERIAL NUMBBER
46
6
TH BYTE SERIAL NUMBER
47
CRC BYTE
48
CENTURY BYTE
49
DATE ALARM
4A
EXTENDED CONTROL REG 4A
4B
EXTENDED CONTROL REG 4B
4C
RESERVED
4D
RESERVED
4E
RTC ADDRESS-2
4F
RTC ADDRESS-3
50
EXTENDED RAM ADDRESS
51
RESERVED
52
RESERVED
53
EXTENDED RAM DATA PORT
54
RESERVED
7F
64 BYTES-USER RAM
7F
When bank 1 is selected, the clock/calendar registers and the original 50 bytes of user RAM still appear as bank 0.
However, the registers that provide control and status for the extended functions are accessed in place of the
additional 64 bytes of user RAM. The major functions controlled by the extended registers are listed below:
1) 64-Bit Silicon Serial Number
2) Century counter
3) Date Alarm
4) Auxiliary Battery Control/Status
5) Wake Up
6) Kickstart
7) RAM Clear Control/Status
8) 128 Bytes Extended RAM Access
The bank selection is controlled by the state of the DV0 bit in register A. To access bank 0, the DV0 bit should be
written to a 0. To access bank 1, DV0 should be written to a 1. Register locations designated as reserved in the
bank 1 map are reserved for future use by Dallas Semiconductor. Bits in these locations cannot be written and
return a 0 if read.
EXTENDED
RAM
128 x 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com