Electronic Components Datasheet Search
  English  ▼

X  

DS1685 Datasheet(PDF) 26 Page - Dallas Semiconductor

Part # DS1685
Description  3V/5V Real-Time Clocks
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1685 Datasheet(HTML) 26 Page - Dallas Semiconductor

Back Button DS1685 Datasheet HTML 22Page - Dallas Semiconductor DS1685 Datasheet HTML 23Page - Dallas Semiconductor DS1685 Datasheet HTML 24Page - Dallas Semiconductor DS1685 Datasheet HTML 25Page - Dallas Semiconductor DS1685 Datasheet HTML 26Page - Dallas Semiconductor DS1685 Datasheet HTML 27Page - Dallas Semiconductor DS1685 Datasheet HTML 28Page - Dallas Semiconductor DS1685 Datasheet HTML 29Page - Dallas Semiconductor DS1685 Datasheet HTML 30Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
DS1685/DS1687 3V/5V Real-Time Clocks
26 of 39
DC ELECTRICAL CHARACTERISTICS
(VCC = 5.0V±10% or VCC = 3.0V±10%, TA = 0°C to +70°C, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
(-5)
7
15
Average VCC Power-
Supply Current
(-3)
ICC1
5
10
mA
2, 3
(-5)
1
3
CMOS Standby
Current
(
CS = VCC - 0.2V)
(-3)
ICC2
0.5
2
mA
2, 3
Input Leakage Current
(Any Input)
IIL
-1
+1
µA
Output Leakage Current
IOL
-1
+1
µA
5
Output Logic 1 Voltage
(IOUT = -1.0mA)
VOH
2.4
V
Output Logic 0 Voltage
(IOUT = +2.1mA)
VOL
0.4
V
(-5)
4.25
4.37
4.5
Power-Fail Trip Point
(-3)
VPF
2.5
2.6
2.7
V
Battery Switch
Voltage
(-5)
VSW
VBAT,
VBAUX
V
8
Battery Leakage Current
IBATLKG
10
100
nA
12
I/O Leakage
ILO
-1
+1
µA
4
(-5)
10.0
PWR Output at 0.4V
(-3)
IOLPWR
4
mA
1
(-5)
2.1
IRQ Output at 0.4V
(-3)
IOLIRQ
0.8
mA
1
DC ELECTRICAL CHARACTERISTICS
(VCC = 0V, TA = 0°C to +70°C, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
VBAT, VBAUX Current
(OSC ON, E32K = 0)
IBAT1
500
nA
12
VBAT, VBAUX Current
(OSC OFF)
IBAT2
200
nA
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com