Electronic Components Datasheet Search
  English  ▼

X  

DS1685 Datasheet(PDF) 30 Page - Dallas Semiconductor

Part # DS1685
Description  3V/5V Real-Time Clocks
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1685 Datasheet(HTML) 30 Page - Dallas Semiconductor

Back Button DS1685 Datasheet HTML 26Page - Dallas Semiconductor DS1685 Datasheet HTML 27Page - Dallas Semiconductor DS1685 Datasheet HTML 28Page - Dallas Semiconductor DS1685 Datasheet HTML 29Page - Dallas Semiconductor DS1685 Datasheet HTML 30Page - Dallas Semiconductor DS1685 Datasheet HTML 31Page - Dallas Semiconductor DS1685 Datasheet HTML 32Page - Dallas Semiconductor DS1685 Datasheet HTML 33Page - Dallas Semiconductor DS1685 Datasheet HTML 34Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
DS1685/DS1687 3V/5V Real-Time Clocks
30 of 39
POWER-UP/DOWN TIMING—5V
(TA = +25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
CS High to Power-Fail
tPF
0
ns
Recovery at Power-Up
tREC
150
ms
VCC Slew Rate Power-Down
tF
4.0
≤ VCC ≤ 4.5V
300
µs
VCC Slew Rate Power-Down
tFB
3.0
≤ VCC ≤ 4.0V
10
µs
VCC Slew Rate Power-Up
tR
4.5V
≥ VCC ≥ 4.0V
0
µs
Expected Data Retention
tDR
10
years
9, 10
POWER-UP/DOWN TIMING—3V
(TA = +25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
CS High to Power-Fail
tPF
0
ns
Recovery at Power-Up
tREC
150
ms
VCC Slew Rate Power-Down
tF
2.5
≤ VCC ≤ 2.7V
300
µs
VCC Slew Rate Power-Up
tR
2.7V
≥ VCC ≥ 2.5V
0
µs
Expected Data Retention
tDR
10
years
9, 10
WARNING: Under no circumstances are negative undershoots, of any amplitude, allowed
when device is in battery-backup mode.
CAPACITANCE
(TA = +25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance on All Inputs
Except X1 and X2
CIN
12
pF
Output Capacitance on
IRQ,
SQW and DQ pins
COUT
12
pF
WAKE-UP/KICKSTART TIMING
(TA = +25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Kickstart Input Pulse Width
tKSPW
2
µs
Wake-Up/Kickstart Power On
Timeout
tPOTO
2
seconds
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com