Electronic Components Datasheet Search
  English  ▼

X  

DS3182 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS3182
Description  Single/Dual/Triple/Quad ATM/Packet PHYs with Built-In LIU
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3182 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS3182 Datasheet HTML 7Page - Dallas Semiconductor DS3182 Datasheet HTML 8Page - Dallas Semiconductor DS3182 Datasheet HTML 9Page - Dallas Semiconductor DS3182 Datasheet HTML 10Page - Dallas Semiconductor DS3182 Datasheet HTML 11Page - Dallas Semiconductor DS3182 Datasheet HTML 12Page - Dallas Semiconductor DS3182 Datasheet HTML 13Page - Dallas Semiconductor DS3182 Datasheet HTML 14Page - Dallas Semiconductor DS3182 Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 400 page
background image
DS3181/DS3182/DS3183/DS3184
11
LIST OF TABLES
Table 4-1. Standards Compliance ............................................................................................................................. 23
Table 6-1. DS3/E3 ATM/Packet Mode Configuration Registers................................................................................ 26
Table 6-2. DS3/E3 ATM/Packet—OHM Mode Configuration Registers.................................................................... 27
Table 6-3. DS3/E3 Internal Fractional (IFRAC) ATM/Packet Mode Configuration Registers ................................... 28
Table 6-4. DS3/E3 External Fractional (XFRAC) ATM/Packet Mode Configuration Registers................................. 29
Table 6-5. DS3/E3 Flexible External Fractional (Subrate) Mode Configuration Registers........................................ 30
Table 6-6. DS3/E3 G.751 PLCP ATM Mode Configuration Registers ...................................................................... 31
Table 6-7. DS3/E3 G.751 PLCP ATM—OHM Mode Configuration Registers .......................................................... 32
Table 6-8. Clear-Channel ATM/Packet Mode Configuration Modes ......................................................................... 34
Table 6-9. Clear-Channel ATM/Packet—OHM Mode Configuration Registers......................................................... 35
Table 6-10. Clear-Channel Octet Aligned ATM/Packet—OHM Mode Configuration Registers................................ 36
Table 7-1. HDB3/B3ZS/AMI LIU Mode Configuration Registers ............................................................................... 37
Table 7-2. HDB3/B3ZS/AMI Non-LIU Mode Configuration Registers ....................................................................... 39
Table 7-3. UNI Line Interface Mode Configuration Registers.................................................................................... 40
Table 7-4. UNI Line Interface—OHM Mode Configuration Registers........................................................................ 41
Table 8-1. DS3184 Short Pin Descriptions................................................................................................................ 42
Table 8-2. Detailed Pin Descriptions ......................................................................................................................... 48
Table 9-1. Configuration of Global Register Settings ................................................................................................ 93
Table 9-2. Configuration of Port Register Settings .................................................................................................... 93
Table 10-1. LIU Enable Table.................................................................................................................................. 100
Table 10-2. All Possible Clock Sources Based on Mode and Loopback................................................................. 100
Table 10-3. Source Selection of TLCLK Clock Signal ............................................................................................. 101
Table 10-4. Source Selection of TCLKOn (internal TX clock) ................................................................................. 102
Table 10-5. Source Selection of RCLKO Clock Signal (internal RX clock) ............................................................. 102
Table 10-6. Transmit Line Interface Signal Pin Valid Timing Source Select........................................................... 103
Table 10-7. Transmit Framer Pin Signal Timing Source Select .............................................................................. 104
Table 10-8. Receive Line Interface Pin Signal Timing Source Select ..................................................................... 104
Table 10-9. Receive Framer Pin Signal Timing Source Select ............................................................................... 105
Table 10-10. Reset and Power-Down Sources ....................................................................................................... 108
Table 10-11. CLAD IO Pin Decode.......................................................................................................................... 111
Table 10-12. Global 8 kHz Reference Source Table............................................................................................... 112
Table 10-13. Port 8 kHz Reference Source Table................................................................................................... 112
Table 10-14. GPIO Global Signals .......................................................................................................................... 113
Table 10-15. GPIO Pin Global Mode Select Bits..................................................................................................... 113
Table 10-16. GPIO Port Alarm Monitor Select ........................................................................................................ 114
Table 10-17. Loopback Mode Selections ................................................................................................................ 116
Table 10-18. Line AIS Enable Modes...................................................................................................................... 120
Table 10-19. Payload (Downstream) AIS Enable Modes........................................................................................ 121
Table 10-20. TSOFIn/TOHMIn Input Pin Functions ................................................................................................ 122
Table 10-21. TSERn/TPOHn/TFOHn Input Pin Functions ...................................................................................... 122
Table 10-22. TPDENIn/TPOHENn/TFOHENIn Input Pin Functions ....................................................................... 123
Table 10-23. TSOFOn/TDENn/TPOHSOFn/TFOHENOn Output Pin Functions .................................................... 123
Table 10-24. TCLKOn/TGCLKn/TPOHCLKn Output Pin Functions........................................................................ 124
Table 10-25. TPDATn Input Pin Functions.............................................................................................................. 124
Table 10-26. TPDENOn Output Pin Functions........................................................................................................ 124
Table 10-27. RSERn/RPOHn Output Pin Functions ............................................................................................... 125
Table 10-28. RPDENIn/RFOHENIn Input Pin Functions......................................................................................... 125
Table 10-29. RPDATn Input Pin Functions ............................................................................................................. 125
Table 10-30. RSOFOn/RDENn/RPOHSOFn/RFOHENOn Output Pin Functions................................................... 126
Table 10-31. RCLKOn/RGCLKn/RPOHCLKn Output Pin Functions ...................................................................... 126
Table 10-32. Framing Mode Select Bits FM[5:0] ..................................................................................................... 127
Table 10-33. Line Mode Select Bits LM[2:0]............................................................................................................ 133
Table 10-34. C-Bit DS3 Frame Overhead Bit Definitions ........................................................................................ 169
Table 10-35. M23 DS3 Frame Overhead Bit Definitions ......................................................................................... 171
Table 10-36. G.832 E3 Frame Overhead Bit Definitions......................................................................................... 177
Table 10-37. Payload Label Match Status............................................................................................................... 180
Table 10-38. Pseudorandom Pattern Generation.................................................................................................... 194



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com