Electronic Components Datasheet Search
  English  ▼

X  

DS3182 Datasheet(PDF) 45 Page - Dallas Semiconductor

Part # DS3182
Description  Single/Dual/Triple/Quad ATM/Packet PHYs with Built-In LIU
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3182 Datasheet(HTML) 45 Page - Dallas Semiconductor

Back Button DS3182 Datasheet HTML 41Page - Dallas Semiconductor DS3182 Datasheet HTML 42Page - Dallas Semiconductor DS3182 Datasheet HTML 43Page - Dallas Semiconductor DS3182 Datasheet HTML 44Page - Dallas Semiconductor DS3182 Datasheet HTML 45Page - Dallas Semiconductor DS3182 Datasheet HTML 46Page - Dallas Semiconductor DS3182 Datasheet HTML 47Page - Dallas Semiconductor DS3182 Datasheet HTML 48Page - Dallas Semiconductor DS3182 Datasheet HTML 49Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 400 page
background image
DS3181/DS3182/DS3183/DS3184
45
NAME
TYPE
FUNCTION
PIN
REOP
Oz
Receive End Of Packet
L16
RVAL
Oz
Receive Packet Data Valid
K18
RMOD[1]
L19
RMOD[0]
Oz
Receive Packet Data Modulus [1:0]
L18
RERR
Oz
Receive Packet Error
J19
MICROPROCESSOR INTERFACE
D[15]
J5
D[14]
T4
D[13]
R4
D[12]
P4
D[11]
N4
D[10]
V3
D[9]
U3
D[8]
T3
D[7]
P3
D[6]
N3
D[5]
W2
D[4]
U2
D[3]
T2
D[2]
P2
D[1]
U1
D[0]
IO
Data [15:0]
P1
A[10]
C3
A[9]
D3
A[8]
E3
A[7]
G3
A[6]
H3
A[5]
D2
A[4]
E2
A[3]
G2
A[2]
H2
A[1]
I
Address [10:1]
E1
A[0]/BSWAP
Address [0] / Byte Swap
H1
ALE
I
Address Latch Enable
N2
CS
I
Chip Select (Active Low)
L3
RD/DS
I
Read Strobe (Active Low) / Data Strobe (Active
Low)
K3
WR/R/W
I
Write Strobe (Active Low) / R/
W Select
K4
RDY
Oz
Ready Handshake (Active Low)
K2
INT
Oz
Interrupt (Active Low)
L4
MODE
I
Mode Select RD/WR or DS Strobe Mode
B1
WIDTH
I
WIDTH Select 8 or 16-Bit Interface
L5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com