Electronic Components Datasheet Search
  English  ▼

X  

DS3182 Datasheet(PDF) 39 Page - Dallas Semiconductor

Part # DS3182
Description  Single/Dual/Triple/Quad ATM/Packet PHYs with Built-In LIU
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3182 Datasheet(HTML) 39 Page - Dallas Semiconductor

Back Button DS3182 Datasheet HTML 35Page - Dallas Semiconductor DS3182 Datasheet HTML 36Page - Dallas Semiconductor DS3182 Datasheet HTML 37Page - Dallas Semiconductor DS3182 Datasheet HTML 38Page - Dallas Semiconductor DS3182 Datasheet HTML 39Page - Dallas Semiconductor DS3182 Datasheet HTML 40Page - Dallas Semiconductor DS3182 Datasheet HTML 41Page - Dallas Semiconductor DS3182 Datasheet HTML 42Page - Dallas Semiconductor DS3182 Datasheet HTML 43Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 400 page
background image
DS3181/DS3182/DS3183/DS3184
39
7.2 HDB3/B3ZS/AMI Non-LIU Line Interface Mode
The Non-LIU Line Interface Mode disables the LIU and a digital representation of AMI is output/input on the
TPOSn/TNEGn signals and the RPOSn/RNEGn signals. Selection between AMI and HDB3/B3ZS is made via the
LINE.TCR Register. HDB3 and B3ZS selection is controlled by the configuration selected by the FM bits. DS3 and
CC52 frame modes select the B3ZS line code while the E3 modes select the HDB3 line code. The DS3AIS signal
can only be generated in non-OHM DS3 modes.
Table 7-2. HDB3/B3ZS/AMI Non-LIU Mode Configuration Registers
MODE
LM[2:0]
LINE.TCR.TZSD
AND
LINE.RCR.RZSD
TLEN
PORT.CR2
LIU Off, B3ZS or HDB3
000
0
1
LIU Off, AMI
000
1
1
Figure 7-2. HDB3/B3ZS/AMI Non-LIU Line Interface Mode
n = port # (1-4)
TAIS
TUA1
Clock Rate
Adapter
B3ZS/
HDB3
Encoder
B3ZS/
HDB3
Decoder
FROM FRAMING LOGIC
OR EXTERNAL PINS
TO FRAMING LOGIC
OR EXTERNAL PINS
TPOSn
TNEGn
TLCLKn
RLCLKn
RPOSn
RNEGn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com