Electronic Components Datasheet Search
  English  ▼

X  

MAX9775 Datasheet(PDF) 4 Page - Analog Devices

Part # MAX9775
Description  2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9775 Datasheet(HTML) 4 Page - Analog Devices

  MAX9775 Datasheet HTML 1Page - Analog Devices MAX9775 Datasheet HTML 2Page - Analog Devices MAX9775 Datasheet HTML 3Page - Analog Devices MAX9775 Datasheet HTML 4Page - Analog Devices MAX9775 Datasheet HTML 5Page - Analog Devices MAX9775 Datasheet HTML 6Page - Analog Devices MAX9775 Datasheet HTML 7Page - Analog Devices MAX9775 Datasheet HTML 8Page - Analog Devices MAX9775 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
2 x 1.5W, Stereo Class D Audio Subsystem
with DirectDrive Headphone Amplifier
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = PVDD = CPVDD = 3.3V, VGND = VPGND = VCPGND = 0V, SHDN = VDD, I2C settings (INA gain = +20dB, INB gain = INC gain =
0dB, volume setting = 0dB, mono path gain = 0dB, SHDN = 1, SSM = 1). Speaker load resistors (RLSP) are terminated between
OUT_+ and OUT_-, headphone load resistors are terminated to GND, unless otherwise noted. C1 = C2 = C3 = 1µF. TA = TMIN to
TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RECEIVER AMPLIFIER
Output Offset Voltage
VOS
TA = +25°C
±1.8
±5.5
mV
Into shutdown
-62
Into mute
-67
Out of shutdown
-63
Click-and-Pop Level
KCP
Peak voltage, TA =
+25°C, A-weighted,
32 samples per
second (Notes 3, 6)
Out of mute
-66
dB
VDD = 2.7V to 5.5V
58
80
f = 217Hz,
100mVP-P ripple
80
f = 1kHz,
100mVP-P ripple
70
Power-Supply Rejection Ratio
(Note 3)
PSRR
TA = +25°C
f = 20kHz,
100mVP-P ripple
62
dB
RL = 16
Ω
60
Output Power
POUT
TA = +25°C,
THD+N = 1%
RL = 32
Ω
50
mW
Gain
AV
3dB
RL = 16
Ω (VOUT = 800mVRMS, f = 1kHz)
0.03
Total Harmonic Distortion Plus
Noise
THD+N
RL = 32
Ω (VOUT = 800mVRMS, f = 1kHz)
0.024
%
BW = 20Hz to 20kHz
87
Signal-to-Noise Ratio
SNR
RL = 16
Ω, VOUT =
800mVRMS (Note 3)
A-weighted
89
dB
Slew Rate
SR
0.3
V/µs
Capacitive Drive
CL
300
pF
HEADPHONE AMPLIFIERS
Output Offset Voltage
VOS
TA = +25°C
±1.8
±5.5
mV
Into shutdown
-61
Into mute
-65
Out of shutdown
-60
Click-and-Pop Level
KCP
Peak voltage, TA =
+25°C, A-weighted,
32 samples per
second (Notes 2, 4)
Out of mute
-64
dB
Contact
±4
ESD Protection
HP_
Air
±8
kV
VDD = 2.7V to 5.5V
58
80
f = 217Hz,
100mVP-P ripple
80
f = 1kHz,
100mVP-P ripple
70
Power-Supply Rejection Ratio
(Note 3)
PSRR
TA = +25°C
f = 20kHz,
100mVP-P ripple
62
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com