Electronic Components Datasheet Search
  English  ▼

X  

MAX9775 Datasheet(PDF) 24 Page - Analog Devices

Part # MAX9775
Description  2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9775 Datasheet(HTML) 24 Page - Analog Devices

Back Button MAX9775 Datasheet HTML 20Page - Analog Devices MAX9775 Datasheet HTML 21Page - Analog Devices MAX9775 Datasheet HTML 22Page - Analog Devices MAX9775 Datasheet HTML 23Page - Analog Devices MAX9775 Datasheet HTML 24Page - Analog Devices MAX9775 Datasheet HTML 25Page - Analog Devices MAX9775 Datasheet HTML 26Page - Analog Devices MAX9775 Datasheet HTML 27Page - Analog Devices MAX9775 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
if the right and left volume controls are set for a maxi-
mum gain 0dB (11111 in Table 7, IN+6dB = 0 from Table
10) before the 3D effect is activated, the volume control
should be programmed to -6dB (11001 in Table 7)
immediately after the 3D effect has been activated.
Signal Path
The audio inputs of the MAX9775/MAX9776—INA, INB,
and INC—are preamplified and then mixed by the input
mixer to create three internal signals: Left (L), Right (R),
and Mono (M). Tables 5a and 5b show how the inputs
are mixed to create L, R, and M. These signals are then
independently volume adjusted by the L, R, and M vol-
ume control and routed to the output mixer. The output
mixer mixes the internal L, R, and M signals to create a
variety of audio mixes that are output to the headphone
speaker and mono receiver amplifiers. Figure 6 shows
the signal path that the audio signals take.
Signal amplification takes place in three stages. In the
first stage, the inputs (INA, INB, and INC) are pre-
amplified. The amount by which each input is amplified
is determined by the bits INA+20dB (B4 in the Input
Mode Control Register) and IN+6dB (B3 in the Global
Control Register). After preamplification, they are mixed
in the Input Mixer to create the internal signals L, R,
and M.
In the second stage of amplification, the internal L, R,
and M signals are independently volume adjusted.
Finally, each output amplifier has its own internal gain.
The speaker, headphone, and mono receiver amplifiers
have fixed gains of 12dB, 3dB, and 3dB, respectively.
Current-Limit and Thermal Protection
The MAX9775/MAX9776 feature current limiting and
thermal protection to protect the device from short cir-
cuits and overcurrent conditions. The headphone
amplifier pulses in the event of an overcurrent condition
with a pulse every 100µs as long as the condition is
present. Should the current still be high, the above
cycle is repeated. The speaker amplifier current-limit
protection clamps the output current without shutting
down the output. This can result in a distorted output.
Current is limited to 1.6A in the speaker amplifiers and
170mA in the headphone and mono receiver amplifiers.
The MAX9775/MAX9776 have thermal protection that
disables the device at +150°C until the temperature
decreases to +120°C.
2 x 1.5W, Stereo Class D Audio Subsystem
with DirectDrive Headphone Amplifier
24
______________________________________________________________________________________
INPUT
MIXER
INPUT
PREAMPLIFIER
INPUT A:
0dB, 6dB, 20dB
-75dB TO 0dB
-75dB TO 0dB
0dB TO 6dB
MVOL
MONO+6dB
LVOL
-75dB TO 0dB
RVOL
INPUT B AND C:
0dB, 6dB
OUTPUT
MIXER
3dB
3dB
12dB
SPEAKER
HEADPHONE
RECEIVER
MONO
Figure 7. Signal Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com