Electronic Components Datasheet Search
  English  ▼

X  

MAX9775 Datasheet(PDF) 2 Page - Analog Devices

Part # MAX9775
Description  2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9775 Datasheet(HTML) 2 Page - Analog Devices

  MAX9775 Datasheet HTML 1Page - Analog Devices MAX9775 Datasheet HTML 2Page - Analog Devices MAX9775 Datasheet HTML 3Page - Analog Devices MAX9775 Datasheet HTML 4Page - Analog Devices MAX9775 Datasheet HTML 5Page - Analog Devices MAX9775 Datasheet HTML 6Page - Analog Devices MAX9775 Datasheet HTML 7Page - Analog Devices MAX9775 Datasheet HTML 8Page - Analog Devices MAX9775 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
2 x 1.5W, Stereo Class D Audio Subsystem
with DirectDrive Headphone Amplifier
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = PVDD = CPVDD = 3.3V, VGND = VPGND = VCPGND = 0V, SHDN = VDD, I2C settings (INA gain = +20dB, INB gain = INC gain =
0dB, volume setting = 0dB, mono path gain = 0dB, SHDN = 1, SSM = 1). Speaker load resistors (RLSP) are terminated between
OUT_+ and OUT_-, headphone load resistors are terminated to GND, unless otherwise noted. C1 = C2 = C3 = 1µF. TA = TMIN to
TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND..............................................................................6V
PVDD to PGND .........................................................................6V
CPVDD to CPGND ....................................................................6V
CPVSS to CPGND .....................................................-6V to +0.3V
VSS to CPGND..........................................................-6V to +0.3V
C1N .......................................(CPVSS - 0.3V) to (CPGND + 0.3V)
C1P.......................................(CPGND - 0.3V) to (CPVDD + 0.3V)
HPL, HPR to GND...................(CPVSS - 0.3V) to (CPVDD + 0.3V)
GND to PGND and CPGND................................................±0.3V
VDD to PVDD and CPVDD....................................................±0.3V
SDA, SCL to GND.....................................................-0.3V to +6V
All other pins to GND..................................-0.3V to (VDD + 0.3V)
Continuous Current In/Out of PVDD, PGND, CPVDD, CPGND,
OUT__, HPR, and HPL..................................................±800mA
Continuous Input Current CPVSS ......................................260mA
Continuous Input Current (all other pins) .........................±20mA
Duration of Short Circuit Between
OUT_+ and OUT_- ..................................................Continuous
Duration of HP_, OUT_ Short Circuit to
GND or PVDD ..........................................................Continuous
Continuous Power Dissipation (TA = +70°C)
36-Bump (3mm x 3mm) UCSP Multilayer Board
(derate 17.0mW/°C above +70°C) ...........................1360.5mW
32-Pin (5mm x 5mm) TQFN Single-Layer Board
(derate 21.3mW/°C above +70°C) ...........................1702.1mW
32-Pin TQFN Multilayer Board (derate 34.5mW/°C
above +70°C)...........................................................2758.6mW
Junction Temperature ......................................................+150°C
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
Supply Voltage Range
VDD, PVDD,
CPVDD
Inferred from PSRR test
2.7
5.5
V
Output mode 1, 6, 11 (Rx mode)
6.3
10
Output mode 4, 9, 14 (HP mode)
8
12.6
Output mode 2, 7, 12 (SP mode)
9.5
15
Quiescent Current (Mono)
IDD
Output mode 3, 8, 13 (SP and HP mode)
12.9
18
mA
Output mode 1, 6, 11 (Rx mode)
7
Output mode 4, 9, 14 (HP mode)
9
Output mode 2, 7, 12 (SP mode)
16.5
Quiescent Current (Stereo)
IDD
Output mode 3, 8, 13 (SP and HP mode)
20
mA
Mute Current
IMUTE
Current in mute (low power)
4.7
10
mA
Hard shutdown
SHDN = GND
0.1
10
Shutdown Current
ISHDN
Soft shutdown
See the I2C Interface
section
8.5
15
µA
Turn-On Time
tON
Time from shutdown or power-on to full
operation
30
ms
B and C pair inputs, TA = +25°C,
VOL = max
17.5
28
41.0
k
Ω
Input Resistance
RIN
A pair inputs, TA = +25°C, +20dB
3.5
5.5
8.0
k
Ω
Common-Mode Rejection Ratio
CMRR
TA = +25°C, fIN = 1kHz (Note 2)
45
50
60
dB
Input DC Bias Voltage
VBIAS
IN_ inputs
1.12
1.25
1.38
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com