Electronic Components Datasheet Search
  English  ▼

X  

MAX9775 Datasheet(PDF) 11 Page - Analog Devices

Part # MAX9775
Description  2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9775 Datasheet(HTML) 11 Page - Analog Devices

Back Button MAX9775 Datasheet HTML 7Page - Analog Devices MAX9775 Datasheet HTML 8Page - Analog Devices MAX9775 Datasheet HTML 9Page - Analog Devices MAX9775 Datasheet HTML 10Page - Analog Devices MAX9775 Datasheet HTML 11Page - Analog Devices MAX9775 Datasheet HTML 12Page - Analog Devices MAX9775 Datasheet HTML 13Page - Analog Devices MAX9775 Datasheet HTML 14Page - Analog Devices MAX9775 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
2 x 1.5W, Stereo Class D Audio Subsystem
with DirectDrive Headphone Amplifier
______________________________________________________________________________________
11
Typical Operating Characteristics (continued)
(VDD = PVDD = CPVDD = 3.3V, GND = PGND = CPGND = 0V, SHDN = VDD, I2C default gain settings (INA gain = +20dB, INB gain =
INC gain = 0dB, volume setting = 0dB, mono path gain = 0dB, SHDN = 1, SSM = 1). Speaker load resistors (RLSP) are terminated
between OUT_+ and OUT_-, headphone load resistors are terminated to GND, unless otherwise stated. C1 = C2 = C3 = 1µF. TA =
+25°C, unless otherwise noted.)
MAX9776 SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.2
4.7
4.2
3.7
3.2
6
8
10
12
14
16
4
2.7
SP MODE
INPUTS AC GROUNDED
OUTPUTS UNLOADED
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.2
4.7
4.2
3.7
3.2
10
20
30
40
50
60
70
80
90
100
0
2.7
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.01
0.1
1
0.001
10
100k
VDD = 5V
RL = 32
Ω
POUT = 20mW
POUT = 40mW
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.01
0.1
1
0.001
10
100k
VDD = 3.3V
RL = 16
Ω
POUT = 20mW
POUT = 40mW
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.01
0.1
1
0.001
10
100k
VDD = 3.3V
RL = 32
Ω
POUT = 10mW
POUT = 40mW
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER
OUTPUT POWER (mW)
60
40
20
0.01
0.1
1
10
100
0.001
080
VDD = 5V
RL = 32
Ω
f = 10kHz
f = 20Hz
f = 1kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com