Electronic Components Datasheet Search
  English  ▼

X  

MAX9775 Datasheet(PDF) 20 Page - Analog Devices

Part # MAX9775
Description  2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9775 Datasheet(HTML) 20 Page - Analog Devices

Back Button MAX9775 Datasheet HTML 16Page - Analog Devices MAX9775 Datasheet HTML 17Page - Analog Devices MAX9775 Datasheet HTML 18Page - Analog Devices MAX9775 Datasheet HTML 19Page - Analog Devices MAX9775 Datasheet HTML 20Page - Analog Devices MAX9775 Datasheet HTML 21Page - Analog Devices MAX9775 Datasheet HTML 22Page - Analog Devices MAX9775 Datasheet HTML 23Page - Analog Devices MAX9775 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
Operating Modes
Fixed-Frequency Modulation
The MAX9775/MAX9776 feature a fixed-frequency
modulation mode with a 1.1MHz switching frequency,
set through the I2C interface (Table 2). In fixed-frequen-
cy modulation mode, the frequency spectrum of the
Class D output consists of the fundamental switching
frequency and its associated harmonics (see the
Wideband Output Spectrum Fixed-Frequency Mode
graph in the
Typical Operating Characteristics).
Spread-Spectrum Modulation
The MAX9775/MAX9776 feature a unique spread-spec-
trum modulation that flattens the wideband spectral com-
ponents. Proprietary techniques ensure that the
cycle-to-cycle variation of the switching period does not
degrade audio reproduction or efficiency (see the
Typical Operating Characteristics). Select spread-spec-
trum modulation mode through the I2C interface (Table
2). In spread-spectrum modulation mode, the switching
frequency varies randomly by ±30kHz around the center
frequency (1.16MHz). The modulation scheme remains
the same, but the period of the sawtooth waveform
changes from cycle to cycle (Figure 2). Instead of a
large amount of spectral energy present at multiples of
the switching frequency, the energy is now spread over
a bandwidth that increases with frequency. Above a few
megahertz, the wideband spectrum looks like white
noise for EMI purposes (see Figure 3).
2 x 1.5W, Stereo Class D Audio Subsystem
with DirectDrive Headphone Amplifier
20
______________________________________________________________________________________
VOUT+ - VOUT-
tSW
tSW
tSW
tSW
VIN-
VIN+
OUT+
OUT-
tON(MIN)
Figure 2. Output with an Input Signal Applied (Spread-Spectrum Modulation Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com