Electronic Components Datasheet Search
  English  ▼

X  

TPS60401DBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60401DBVT
Description  Unregulated 60-mA Charge Pump Voltage Inverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60401DBVT Datasheet(HTML) 3 Page - Texas Instruments

  TPS60401DBVT Datasheet HTML 1Page - Texas Instruments TPS60401DBVT Datasheet HTML 2Page - Texas Instruments TPS60401DBVT Datasheet HTML 3Page - Texas Instruments TPS60401DBVT Datasheet HTML 4Page - Texas Instruments TPS60401DBVT Datasheet HTML 5Page - Texas Instruments TPS60401DBVT Datasheet HTML 6Page - Texas Instruments TPS60401DBVT Datasheet HTML 7Page - Texas Instruments TPS60401DBVT Datasheet HTML 8Page - Texas Instruments TPS60401DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
5 Device Comparison Table
PART NUMBER(1)
MARKING DBV
PACKAGE
TYPICAL FLYING CAPACITOR
[µF]
FEATURE
TPS60400DBV
PFKI
1
Variable switching frequency 50 kHz-250 kHz
TPS60401DBV
PFLI
10
Fixed frequency 20 kHz
TPS60402DBV
PFMI
3.3
Fixed frequency 50 kHz
TPS60403DBV
PFNI
1
Fixed frequency 250 kHz
(1)
The DBV package is available taped and reeled. Add R suffix to device type (for example, TPS60400DBVR) to order quantities of 3000
devices per reel. Add T suffix to device type (for example, TPS60400DBVT) to order quantities of 250 devices per reel.
6 Pin Configuration and Functions
3
2
4
5
1
OUT
IN
CFLY–
CFLY+
GND
Figure 6-1. DBV Package 5 Pins Top View
Table 6-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
CFLY+
5
Positive terminal of the flying capacitor C(fly)
CFLY-
3
Negative terminal of the flying capacitor C(fly)
GND
4
Ground
IN
2
I
Supply input. Connect to an input supply in the 1.6-V to 5.5-V range. Bypass IN to GND with a capacitor
that has the same value as the flying capacitor.
OUT
1
O
Power output with VO = -VI Bypass OUT to GND with the output filter capacitor CO.
www.ti.com
TPS60400, TPS60401, TPS60402, TPS60403
SLVS324C – JULY 2001 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPS60400 TPS60401 TPS60402 TPS60403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com