Electronic Components Datasheet Search
  English  ▼

X  

TPS60401DBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60401DBVT
Description  Unregulated 60-mA Charge Pump Voltage Inverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60401DBVT Datasheet(HTML) 5 Page - Texas Instruments

  TPS60401DBVT Datasheet HTML 1Page - Texas Instruments TPS60401DBVT Datasheet HTML 2Page - Texas Instruments TPS60401DBVT Datasheet HTML 3Page - Texas Instruments TPS60401DBVT Datasheet HTML 4Page - Texas Instruments TPS60401DBVT Datasheet HTML 5Page - Texas Instruments TPS60401DBVT Datasheet HTML 6Page - Texas Instruments TPS60401DBVT Datasheet HTML 7Page - Texas Instruments TPS60401DBVT Datasheet HTML 8Page - Texas Instruments TPS60401DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
7.5 Electrical Characteristics
CI = C(fly) = CO (according to Table 1), TC = -40°C to 85°C, VI = 5 V over recommended operating free-air
temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI
Supply voltage range
At TC = -40°C to 85°C, RL = 5 kΩ
1.8
5.25
V
At TC≥ 0°C, RL= 5 kΩ
1.6
IO
Maximum output current at VO
60
mA
VO
Output voltage
-VI
V
VP-P
Output voltage ripple
TPS60400
IO = 5 mA
C(fly) = 1 µF, CO = 2.2 µF
35
mVP-P
TPS60401
C(fly) = CO = 10 µF
20
TPS60402
C(fly) = CO = 3.3 µF
20
TPS60403
C(fly) = CO = 1 µF
15
IQ
Quiescent current (no-load input
current)
TPS60400
At VI = 5 V
125
270
µA
TPS60401
65
190
TPS60402
120
270
TPS60403
425
700
TPS60400
At T ≤ 60°C,
VI = 5 V
210
µA
TPS60401
135
TPS60402
210
TPS60403
640
fOSC
Internal switching frequency
TPS60400
VCO version
30
50-250
350
kHz
TPS60401
13
20
28
TPS60402
30
50
70
TPS60403
150
250
300
Impedance at 25°C, VI = 5 V
TPS60400
CI = C(fly) = CO = 1 µF
12
15
Ω
TPS60401
CI = C(fly) = CO = 10 µF
12
15
TPS60402
CI = C(fly) = CO = 3.3 µF
12
15
TPS60403
CI = C(fly) = CO = 1 µF
12
15
7.6 Typical Characteristics
Table 7-1. Table of Graphs
FIGURE
η
Efficiency
vs Output current at 3.3 V, 5 V
TPS60400, TPS60401, TPS60402, TPS60403
Figure 7-1,
Figure 7-2
II
Input current
vs Output current
TPS60400, TPS60401, TPS60402, TPS60403
Figure 7-3,
Figure 7-4
IS
Supply current
vs Input voltage
TPS60400, TPS60401, TPS60402, TPS60403
Figure 7-5,
Figure 7-6
Output resistance
vs Input voltage at -40°C, 0°C, 25°C, 85°C
TPS60400, CI = C(fly) = CO = 1 µF
TPS60401, CI = C(fly) = CO = 10 µF
TPS60402 , CI = C(fly) = CO = 3.3 µF
TPS60403, CI = C(fly) = CO = 1 µF
Figure 7-7,
Figure 7-8,
Figure 7-9,
Figure 7-10
VO
Output voltage
vs Output current at 25°C, VIN=1.8 V, 2.5 V, 3.3 V, 5 V
TPS60400, CI = C(fly) = CO = 1 µF
TPS60401, CI = C(fly) = CO = 10 µF
TPS60402 , CI = C(fly) = CO = 3.3 µF
TPS60403, CI = C(fly) = CO = 1 µF
Figure 7-11,
Figure 7-12,
Figure 7-13,
Figure 7-14
www.ti.com
TPS60400, TPS60401, TPS60402, TPS60403
SLVS324C – JULY 2001 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPS60400 TPS60401 TPS60402 TPS60403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com