Electronic Components Datasheet Search
  English  ▼

X  

TPS60401DBVT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60401DBVT
Description  Unregulated 60-mA Charge Pump Voltage Inverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60401DBVT Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS60401DBVT Datasheet HTML 16Page - Texas Instruments TPS60401DBVT Datasheet HTML 17Page - Texas Instruments TPS60401DBVT Datasheet HTML 18Page - Texas Instruments TPS60401DBVT Datasheet HTML 19Page - Texas Instruments TPS60401DBVT Datasheet HTML 20Page - Texas Instruments TPS60401DBVT Datasheet HTML 21Page - Texas Instruments TPS60401DBVT Datasheet HTML 22Page - Texas Instruments TPS60401DBVT Datasheet HTML 23Page - Texas Instruments TPS60401DBVT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
The maximum input voltage between VI and GND in the schematic (or between IN and OUT at the device itself)
must not exceed 6.5 V. For input voltages in the range of 6.5 V to 11 V, an additional Zener-diode is
recommended (see Figure 9-14).
C(fly)
1 µF
S2
S1
S3
S4
CO
1 µF
VO (VI/2)
GND
VI
VO (VI/2)
+
Figure 9-12. Step-Down Principle
TPS60400
OUT
C1+
IN
C1-
GND
1
2
3
5
4
C(fly)
1 µF
CO
1 µF
CI
1 µF
VO (VI/2)
GND
VI
GND
Figure 9-13. Step-Down Charge Pump Connection
OUT
IN
C1–
TPS60400
C1+
GND
5
4
1
2
3
C(fly)
1 µF
5V6
CO
1 µF
CI
1 µF
VI
GND
VO – VI
GND
Figure 9-14. Step-Down Charge Pump Connection for Higher Input Voltages
10 Power Supply Recommendations
The TPS60400 device family has no special requirements for its power supply. The power supply output needs
to be rated according to the supply voltage, output voltage and output current of the TPS6040x.
TPS60400, TPS60401, TPS60402, TPS60403
SLVS324C – JULY 2001 – REVISED OCTOBER 2020
www.ti.com
20
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPS60400 TPS60401 TPS60402 TPS60403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com