Electronic Components Datasheet Search
  English  ▼

X  

TPS60401DBVT Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60401DBVT
Description  Unregulated 60-mA Charge Pump Voltage Inverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60401DBVT Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS60401DBVT Datasheet HTML 14Page - Texas Instruments TPS60401DBVT Datasheet HTML 15Page - Texas Instruments TPS60401DBVT Datasheet HTML 16Page - Texas Instruments TPS60401DBVT Datasheet HTML 17Page - Texas Instruments TPS60401DBVT Datasheet HTML 18Page - Texas Instruments TPS60401DBVT Datasheet HTML 19Page - Texas Instruments TPS60401DBVT Datasheet HTML 20Page - Texas Instruments TPS60401DBVT Datasheet HTML 21Page - Texas Instruments TPS60401DBVT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
TPS60400
OUT
C1+
IN
C1–
GND
1
2
3
5
4
C(fly)
1 µF
CO
1 µF
CI
1 µF
VO (–2 VI)
GND
VI
GND
TPS60400
OUT
C1+
IN
C1–
GND
1
2
3
5
4
CO
1 µF
GND
+
+
+
C(fly)
1 µF
Figure 9-8. Doubling Inverter
The application allows to increase the output current by using two or more in parallel.
Paralleling multiple TPS6040xs reduces the output resistance. Each device requires its own flying capacitor
(C(fly)), but the output capacitor (CO) serves all devices (see Figure 9-9). Increase CO's value by a factor of n,
where n is the number of parallel devices. Equation 1 shows the equation for calculating output resistance.
TPS60400
OUT
C1+
IN
C1–
GND
1
2
3
5
4
C(fly)
1 µF
CI
1 µF
VO (–VI)
GND
VI
GND
TPS60400
OUT
C1+
IN
C1–
GND
1
2
3
5
4
C(fly)
1 µF
CO
2.2 µF
+
Figure 9-9. Paralleling Devices
The application adds a shutdown function.
If shutdown is necessary, use the circuit in Figure 9-10. The output resistance of the TPS6040x typically is 15 Ω
plus two times the output resistance of the buffer.
Connecting multiple buffers in parallel reduces the output resistance of the buffer driving the IN pin.
TPS60400
OUT
C1+
IN
C1–
GND
1
2
3
5
4
C(fly)
1 µF
CO
1 µF
CI
1 µF
VO (–VI)
GND
VI
GND
SDN
Figure 9-10. Shutdown Control
The application generates a regulated output voltage for a GaAs bias supply.
TPS60400, TPS60401, TPS60402, TPS60403
SLVS324C – JULY 2001 – REVISED OCTOBER 2020
www.ti.com
18
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPS60400 TPS60401 TPS60402 TPS60403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com