Electronic Components Datasheet Search
  English  ▼

X  

TPS60401DBVT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60401DBVT
Description  Unregulated 60-mA Charge Pump Voltage Inverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60401DBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS60401DBVT Datasheet HTML 10Page - Texas Instruments TPS60401DBVT Datasheet HTML 11Page - Texas Instruments TPS60401DBVT Datasheet HTML 12Page - Texas Instruments TPS60401DBVT Datasheet HTML 13Page - Texas Instruments TPS60401DBVT Datasheet HTML 14Page - Texas Instruments TPS60401DBVT Datasheet HTML 15Page - Texas Instruments TPS60401DBVT Datasheet HTML 16Page - Texas Instruments TPS60401DBVT Datasheet HTML 17Page - Texas Instruments TPS60401DBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
9.2.1.2.3 Flying Capacitor (C(fly))
Increasing the flying capacitor's size reduces the output resistance. Small values increases the output
resistance. Above a certain point, increasing C(fly)'s capacitance has a negligible effect, because the output
resistance becomes dominated by the internal switch resistance and capacitor ESR.
9.2.1.2.4 Output Capacitor (CO)
Increasing the output capacitor's size reduces the output ripple voltage. Decreasing its ESR reduces both output
resistance and ripple. Smaller capacitance values can be used with light loads if higher output ripple can be
tolerated. Use the following equation to calculate the peak-to-peak ripple.
V
O(ripple) +
I
O
fosc
Co
) 2
I
O
ESR
CO
(6)
Table 9-1. Recommended Capacitor Values
DEVICE
VI
[V]
IO
[mA]
CI
[µF]
C(fly)
[µF]
CO
[µF]
TPS60400
1.8…5.5
60
1
1
1
TPS60401
1.8…5.5
60
10
10
10
TPS60402
1.8…5.5
60
3.3
3.3
3.3
TPS60403
1.8…5.5
60
1
1
1
Table 9-2. Recommended Capacitors
MANUFACTURER
PART NUMBER
SIZE
CAPACITANCE
TYPE
Taiyo Yuden
EMK212BJ474MG
0805
0.47 µF
Ceramic
LMK212BJ105KG
0805
1 µF
Ceramic
LMK212BJ225MG
0805
2.2 µF
Ceramic
EMK316BJ225KL
1206
2.2 µF
Ceramic
LMK316BJ475KL
1206
4.7 µF
Ceramic
JMK316BJ106KL
1206
10 µF
Ceramic
TDK
C2012X5R1C105M
0805
1 µF
Ceramic
C2012X5R1A225M
0805
2.2 µF
Ceramic
C2012X5R1A335M
0805
3.3 µF
Ceramic
Table 9-3 contains a list of manufacturers of the recommended capacitors. Ceramic capacitors will provide the
lowest output voltage ripple because they typically have the lowest ESR-rating.
Table 9-3. Recommended Capacitor Manufacturers
CAPACITOR TYPE
MANUFACTURER
WEB ADDRESS
X5R / X7R ceramic
Taiyo Yuden
www.t-yuden.com
X5R / X7R ceramic
TDK
www.component.tdk.com
X5R / X7R ceramic
Vishay
www.vishay.com
X5R / X7R ceramic
Kemet
www.kemet.com
TPS60400, TPS60401, TPS60402, TPS60403
SLVS324C – JULY 2001 – REVISED OCTOBER 2020
www.ti.com
14
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPS60400 TPS60401 TPS60402 TPS60403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com