Electronic Components Datasheet Search
  English  ▼

X  

OZ964IGN Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # OZ964IGN
Description  Change Summary
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OZ964IGN Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button OZ964IGN Datasheet HTML 6Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 7Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 8Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 9Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 10Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 11Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 12Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 13Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
OZ964
CONFIDENTIAL
OZ964-DS-1.2
Page 11
PACKAGE INFORMATION – 20-PIN SSOP 150mil: OZ964S
θ2
θ
L
R
R1
Detail A
Gauge Plane
θ1
E1
E
D
e
B
1
c
Detail A
ZD
C
0.10MM
SEATING PLANE
A2
NOTES:
DIMENSION D DOES NOT INCLUDE MOLD PROTRUSIONS OR GATE BURRS
MOLD PROTRUSIONS AND GATE BURRS SHALL NOT EXCEED 6 MIL PER SIDE
MILLIMETERS
MIL
DIM
MIN
NOM
MAX
MIN
NOM
MAX
A
1.35
1.63
1.75
53
64
69
A1
0.10
0.15
0.25
4
6
10
A2
-
-
1.50
-
-
59
B
0.20
-
0.30
8
-
12
c
0.18
-
0.25
7
-
10
e
0.635 BASIC
25 BASIC
D
8.56
8.66
8.74
337
341
344
E
5.79
5.99
6.20
228
236
244
E1
3.81
3.91
3.99
150
154
157
L
0.41
0.635
1.27
16
25
50
h
0.25
-
0.50
10
-
20
ZD
1.4732 REF
58 REF
R1
0.20
-
0.33
8
-
13
R
0.20
-
-
8
-
-
θ
0
°
-
8
°
0
°
-
8
°
θ1
0
°
-
-
0
°
-
-
θ2
5
°
10
°
15
°
5
°
10
°
15
°
JEDEC
MO-137 (AD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com