Electronic Components Datasheet Search
  English  ▼

X  

OZ964IGN Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OZ964IGN
Description  Change Summary
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OZ964IGN Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OZ964IGN Datasheet HTML 1Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 2Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 3Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 4Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 5Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 6Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 7Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 8Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
OZ964
09/03/04
OZ964-DS-1.2
Page 0
Copyright
 2004 by O2Micro
All Rights Reserved
U.S. Patent No. 6,259,615
CONFIDENTIAL
Change Summary
CHANGES
No.
Applicable Section
Description
Page(s)
1
Title
Change the title to read ‘Phase-Shift PWM Controller’
1
2
Ordering Information
Add OZ964GN, OZ964IG, OZ964IGN, OZ964D &
OZ964DN
1
3
General Description
Add 1
st paragraph ‘OZ964 is a high…LCD.’
1
4
Functional Block Diagram
Description
Add 1
st paragraph 1st sentence ‘Specific DC/CD…’
5
5
Reference Application
Circuit
Add DC/DC Reference Application Circuit
10
6
Package information
Correct 20 Pin SOIC 300mil drawing
12
7
Throughout data sheet
Miscellaneous corrections
---
REVISION HISTORY
Revision No.
Description of change
Release Date
0.95
Initial Release
1/13/2004
0.96
1. Ordering information: add OZ964SN & OZ964ISN. 2. Pin
Description: modified pin description of CTIMR, DIM. 3. Electrical
Characteristics: revise a) ‘Nominal Voltage’ Typ limit, b) ‘Normal
Operating Frequency’ Typ limit, c) ‘Ramp Peak’ Typ limit, d)
‘Operating Frequency’ Typ limit, e) ‘Negative-Going Threshold
Voltage’ Max limit, f) ‘SST Current’ Typ limit, g) ‘CTIMR Current 1’
Typ limit, h) ‘Protection Release Threshold’ Typ limit, i) ‘PDR_A/
PDR_C’ Typ`limit, j) ‘Enable’ Min limit, k) ‘NDR_B/ NDR_D’ Typ limit,
l) ‘BBM Time Between PDR and NDR’ Typ limit, m) ‘Minimum
Overlap’ Typ limit. 4. Simplified Functional Block Diagram. 5. Modified
formula in No. 4 Ignition & No. 5 Normal Operation in Functional
Information. 6. Revise Application Circuit. 7. Miscellaneous
corrections.
3/19/2004
1.0
1. Electrical Characteristics: a) Fill in Min & Max limits of all
parameters b) Correct ‘SST Protection Release Threshold’ Typ limit.
2. Application Circuit: Correct a) C10 to 6.8n, b) T1 to 28:2200. 3.
Miscellaneous corrections.
4/5/2004
1.1
1. Footer: Add patent number 6,259,615 2. Application circuit: a.)
Delete R3, R7, R6 & R11. b) Change R9 value from 45.3k to 47K
7/29/2004


Similar Part No. - OZ964IGN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OZ960 ETC1-OZ960 Datasheet
244Kb / 12P
Intelligent CCFL Inverter Controller
logo
O2Micro International L...
OZ960 O2MICRO-OZ960 Datasheet
205Kb / 12P
Intelligent CCFL Inverter Controller
10/23/01
logo
List of Unclassifed Man...
OZ960D ETC1-OZ960D Datasheet
244Kb / 12P
Intelligent CCFL Inverter Controller
OZ960G ETC1-OZ960G Datasheet
244Kb / 12P
Intelligent CCFL Inverter Controller
OZ960ID ETC1-OZ960ID Datasheet
244Kb / 12P
Intelligent CCFL Inverter Controller
More results

Similar Description - OZ964IGN

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK042CG2R2AD-W TAIYO-YUDEN-EMK042CG2R2AD-W Datasheet
287Kb / 2P
Item Summary
LMK325B7226MMHP TAIYO-YUDEN-LMK325B7226MMHP Datasheet
289Kb / 2P
Item Summary
HMK325BJ475KM-PE TAIYO-YUDEN-HMK325BJ475KM-PE Datasheet
331Kb / 2P
Item Summary
JMK021BJ472KK-W TAIYO-YUDEN-JMK021BJ472KK-W Datasheet
289Kb / 2P
Item Summary
JMK042BJ473KC-W TAIYO-YUDEN-JMK042BJ473KC-W Datasheet
288Kb / 2P
Item Summary
JMK063BC6105MP-F TAIYO-YUDEN-JMK063BC6105MP-F Datasheet
288Kb / 2P
Item Summary
logo
List of Unclassifed Man...
OZ9938 ETC1-OZ9938 Datasheet
352Kb / 12P
Change Summary
OZ9910 ETC2-OZ9910 Datasheet
375Kb / 17P
Change Summary
OZ9939 ETC1-OZ9939 Datasheet
251Kb / 12P
LCDM Inverter Controller Change Summary
logo
Guangdong Youtai Semico...
BSO615NG UMW-BSO615NG Datasheet
313Kb / 8P
PRODUCT SUMMARY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com