Electronic Components Datasheet Search
  English  ▼

X  

OZ964IGN Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # OZ964IGN
Description  Change Summary
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OZ964IGN Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  OZ964IGN Datasheet HTML 1Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 2Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 3Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 4Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 5Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 6Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 7Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 8Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
OZ964
CONFIDENTIAL
OZ964-DS-1.2
Page 3
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Test Conditions
Limits
Unit
VDDA=5V; Tamb=25
oC;
Min
Typ
Max
Reference Voltage
Iload = 30µA
3.22
3.35
3.48
V
Nominal voltage
Vref
Temp coefficient
(Tamb=25
oC)
-
125
-
ppm/
oC
Line regulation
KL
VDDA=4.6V to 5.5V
-
2
-
mV/V
Load regulation
KV
Iload = 5 µA to 80 µA
-
2
-
mV
Operating Frequency
CCT =220pF
(1) ;
RRT =47kΩ
(1)
61.5
63.0
65.5
kHz
Normal Operating Frequency
fop
Temp coefficient
(Tamb=25
oC)
-
125
-
ppm/
oC
Ramp peak
CT Vpeak
2.35
2.50
2.65
V
Ramp valley
CT Vvalley
1.00
1.05
1.12
V
Low Frequency Oscillator
CLCT=6.8nF(2); VDIM=1.2V
209
220
225
Hz
Operating frequency
fLF
Temp coefficient
(Tamb=25
oC)
-
470
-
ppm/
oC
Ramp peak
LCT Vpeak
1.96
2.06
2.18
V
Ramp valley
LCT Vvalley
0.27
0.31
0.33
V
Duty Cycle Range
LPWM
0
-
100
%
Error Amplifier
VSST=0V
0.49
0.50
0.55
V
VSST=2V
0.79
0.80
0.81
V
Reference voltage at non-
inverting input pin (internal)
VADJ
VSST=4V
1.19
1.24
1.29
V
Under-Voltage Lockout
Positive-Going Threshold Voltage
4.3
-
-
V
Negative-Going Threshold Voltage
-
-
3.2
V
Supply
Stand-by Current
IOFF
ENA=low
-
200
300
µA
Supply Current
ION
DIM=1.2V; LPWM=50k
Ω
Ca=Cb=Cc=Cd=0.5nF
(3)
CCT =220pF
(1),
RRT =47kΩ
(1) ;CLCT=6.8nF(2)
-
3.0
4.2
mA
Soft Start
4.5
5.5
6.2
µA
SST current
Temp coefficient
(Tamb=25
oC)
-
420
-
ppm/
oC
SST Protection Release Threshold
VDDA
-1.25
VDDA
-1.0
VDDA
-0.93
V
CTIMR
2.0
2.5
2.9
µA
CTIMR current 1
Temp coefficient
(Tamb=25
oC)
-
395
-
ppm/
oC
CTIMR current 2
20
30
40
µA
Protection release threshold
2.9
3.1
3.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com