Electronic Components Datasheet Search
  English  ▼

X  

OZ964IGN Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # OZ964IGN
Description  Change Summary
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OZ964IGN Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  OZ964IGN Datasheet HTML 1Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 2Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 3Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 4Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 5Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 6Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 7Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 8Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
OZ964
CONFIDENTIAL
OZ964-DS-1.2
Page 4
ELECTRICAL CHARACTERISTICS (CONTINUED)
Parameter
Symbol
Test Conditions
Limits
Unit
VDDA=5V; Tamb=25
oC;
Min
Typ
Max
Output Driver Rds(on)
PDR_A / PDR_C
Sourcing=75mA
12
25
35
Ω
NDR_B / NDR_D
Sinking=75mA
13
25
36
Ω
Enable Thresholds
Enable
2.3
-
-
V
Disable
-
-
1.0
V
Over-Voltage Protection
Threshold Voltage
OVP
1.95
2.00
2.20
V
Open-Lamp Protection Threshold
Open-Lamp Threshold
CMP> open-lamp threshold
causes shutdown
2.54
2.70
2.82
V
Break-Before-Make (BBM)
150
200
220
ns
BBM Time Between PDR and NDR
Temp coefficient
(Tamb=25
oC)
-
495
-
ppm/
oC
Maximum / Minimum Duty Cycle
Maximum Overlap
Vsst = 3.75V ;
Vcmp = 3.24V
91
95
-
%
Minimum Overlap
Vsst = 0.8V ;
Vcmp = 3.5V
--
2.5
3.9
%
Note
(1)
CCT: capacitor from ”CT” (Pin 18) to ground
RRT: resistor from “RT” (Pin 17) to ground
Note
(2)
CLCT: capacitor from “LCT” (Pin 15) to ground
Note
(3)
Ca: capacitor from PDR_A (Pin 19) to VDDA
Cb: capacitor from NDR_B (Pin 20) to ground
Cc: capacitor from PDR_C (Pin 12) to VDDA
Cd: capacitor from NDR_D (Pin 11) to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com