Electronic Components Datasheet Search
  English  ▼

X  

OZ964IGN Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # OZ964IGN
Description  Change Summary
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OZ964IGN Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button OZ964IGN Datasheet HTML 6Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 7Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 8Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 9Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 10Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 11Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 12Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 13Page - List of Unclassifed Manufacturers OZ964IGN Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
OZ964
CONFIDENTIAL
OZ964-DS-1.2
Page 12
PACKAGE INFORMATION – 20-PIN SOIC 300mil: OZ964G
1
c
De ta il X
D
SE A T IN G PL AN E
N O T ES:
1 . R E F E R T O JE D E C S T D . M S -013 A C .
2 . DIM E N S IO N S " D " DOE S NO T IN C L UD E M O L D F L A S H, P ROT RU S IO N S OR G A T E BU RR S . M O L D
F L A SH , PR O T R U SIO N S A N D G A TE B U R R S SH A L L N O T E X C E ED 0 .1 5 m m (6 m il) PE R SID E .
3 . DIM E N S IO N S " E " D O S E NO T IN C L UD E IN T E RL E A D F L A S H OR P R O T UR S IO N S . IN T E R-L E A D
F L A SH A N D PR O T R U SIO N S SH AL L N O T EXC EED 0 .2 5 m m (1 0 m il) P E R S ID E .
4 . CONT R O L L ING DIM E N S IO N : M IL L IM E T E R
E
H
10
20
11
e
b
Y
h x 45
O
θ
L
DETAIL "X"
MILLIMETERS
MIL
SYMBOL
MIN
NOM
MAX
MIN
NOM
MAX
A
2.36
2.54
2.64
93
100
104
A1
0.10
0.20
0.30
4
8
12
b
0.35
0.406
0.48
14
16
19
c
0.23
0.254
0.31
9
10
12
D
12.60
12.80
13.00
496
504
512
E
7.40
7.50
7.60
291
295
299
e
1.27 BSC
50 BSC
H
10.00
10.31
10.65
394
406
419
h
0.25
0.66
0.75
10
26
30
L
0.51
0.76
1.02
20
30
40
Y
-
-
0.075
-
-
3
θ
0
°
-
8
°
0
°
-
8
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com