Electronic Components Datasheet Search
  English  ▼

X  

TMP442 Datasheet(PDF) 20 Page - Texas Instruments

Part # TMP442
Description  TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP442 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMP442 Datasheet HTML 16Page - Texas Instruments TMP442 Datasheet HTML 17Page - Texas Instruments TMP442 Datasheet HTML 18Page - Texas Instruments TMP442 Datasheet HTML 19Page - Texas Instruments TMP442 Datasheet HTML 20Page - Texas Instruments TMP442 Datasheet HTML 21Page - Texas Instruments TMP442 Datasheet HTML 22Page - Texas Instruments TMP442 Datasheet HTML 23Page - Texas Instruments TMP442 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 63 page
background image
7.5.2 I2C and SMBus Interface
The TMP4719 has a standard bidirectional I2C interface that can be configured or read by a controller. Each
target on the I2C bus has a specific device address to differentiate between other target devices that are on
the same I2C bus. Target devices require configuration upon start-up to set the behavior of the device. This
is typically done when the controller accesses internal register maps of the target, which have unique register
addresses. A device can have one or multiple registers where data is stored, written, or read. The TMP4719
includes 50ns glitch suppression filters, allowing the device to coexist on I3C mixed bus.
The physical I2C interface consists of the serial clock (SCL) and serial data (SDA) lines. Both SDA and SCL
lines must be connected to a bus supply through a pullup resistor. The size of the pullup resistor is determined
by the amount of capacitance on the I2C lines and communication speed. See also the I2C Bus Pullup Resistor
Calculation application note. Data transfer can be initiated only when the bus is idle. A bus is considered idle if
both SDA and SCL lines are high after a STOP condition (see Figure 7-10 and Figure 7-11). See the Writes and
Reads sections for detailed procedures on how the controller can access the TMP4719.
SCL
SDA
Data Transfer
START
Condition
STOP
Condition
Figure 7-10. Definition of Start and Stop Conditions
TMP4719
SBOSAJ7A – OCTOBER 2025 – REVISED DECEMBER 2025
www.ti.com
20
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP4719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com