Electronic Components Datasheet Search
  English  ▼

X  

TMP442 Datasheet(PDF) 14 Page - Texas Instruments

Part # TMP442
Description  TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP442 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMP442 Datasheet HTML 10Page - Texas Instruments TMP442 Datasheet HTML 11Page - Texas Instruments TMP442 Datasheet HTML 12Page - Texas Instruments TMP442 Datasheet HTML 13Page - Texas Instruments TMP442 Datasheet HTML 14Page - Texas Instruments TMP442 Datasheet HTML 15Page - Texas Instruments TMP442 Datasheet HTML 16Page - Texas Instruments TMP442 Datasheet HTML 17Page - Texas Instruments TMP442 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
7.4 Device Functional Modes
The device can be configured to operate in different modes of operation through the configuration register.
7.4.1 Interrupt and Comparator Mode
The ALERT pin of the device can be programmed into two different ALERT output modes. In the interrupt mode,
the device asserts the ALERT pin if the temperature exceeds the limits set by the temperature limit registers.
After the Alert Status is read and interrupt bits cleared, the ALERT pin is deasserted. In Comparator Mode, the
device asserts the ALERT pin if the measured temperature exceeds the limits and clears when the temperature
returns below the limits.
7.4.1.1 Interrupt Mode
When the Alert Mode Setting bit in the Configuration Register is set to 0, the Alert Mode is set to Interrupt mode.
In this mode, the ALERT pin is asserted at the end of a conversion cycle if the measured temperature exceeds
a High Alert Limit or goes below a Low Alert Limit defined in the limit registers. In this mode, the TMP4719
sets the ALERT mask bit of the Configuration Register during a read of the Status Register if any flag in the
Status Register, except the ADC_Busy flag and Remote Diode Fault flag, is set. This prevents the ALERT pin
from triggering until the controller has reset the ALERT mask bit (write 0 to the Alert_MASK bit in Configuration
Register).
The ALERT High Status flag is set at the end of a conversion cycle when a measured temperature exceeds
the respective High Alert Limit register limit. There are separate High Limit values and status register flags for
the remote and local temperature measurements. The High Limit Status register flags are only set based on
respective temperature measurements. Refer to Section 8.30 .
The ALERT Low Status flag is set at the end of a conversion cycle when a measured temperature is below
the respective Low Alert Limit register limit. There are separate Low Limit values and status register flags for
the remote and local temperature measurements. The Low Limit Status register flags are only set based on
respective temperature measurements. Refer to Section 8.31 .
The Status Register limit flags are cleared after a read command of the Status Register from the controller and
are set again at the end of a preceding temperature conversion cycle if the measured temperature is outside the
set limits.
Figure 7-5 shows the behavior of the ALERT pin and flags while in Interrupt mode.
TMP4719
SBOSAJ7A – OCTOBER 2025 – REVISED DECEMBER 2025
www.ti.com
14
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP4719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com