Electronic Components Datasheet Search
  English  ▼

X  

TMP442 Datasheet(PDF) 32 Page - Texas Instruments

Part # TMP442
Description  TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP442 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMP442 Datasheet HTML 28Page - Texas Instruments TMP442 Datasheet HTML 29Page - Texas Instruments TMP442 Datasheet HTML 30Page - Texas Instruments TMP442 Datasheet HTML 31Page - Texas Instruments TMP442 Datasheet HTML 32Page - Texas Instruments TMP442 Datasheet HTML 33Page - Texas Instruments TMP442 Datasheet HTML 34Page - Texas Instruments TMP442 Datasheet HTML 35Page - Texas Instruments TMP442 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
8.8 THigh_Limit_Remote_Ch1_High Register (Address = 07h or 0Dh) [reset = 55h]
This register is used to configure the high byte (bits 11:4) of the temperature high limit for remote channel 1. The
default value 55h corresponds to a limit setting of 85°C.
Return to Register Map.
Figure 8-8. THigh_Limit_Remote_Ch1_High Register
7
6
5
4
3
2
1
0
THigh_Limit_Remote_Ch1_High[11:4]
R/W-55h
Table 8-10. THigh_Limit_Remote_Ch1_High Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
THigh_Limit_Remote_Ch1_High[11:
4]
R/W
55h
High-byte (bits 11:4) of the 12-bit temperature alert high limit
setting for remote channel 1.
Use the THigh_Limit_Remote_Ch1_High register together with
the THigh_Limit_Remote_Ch1_Low register to get the full 12-bit
temperature alert high limit for remote channel 1.
8.9 TLow_Limit_Remote_Ch1_High Register (Address = 08h or 0Eh) [reset = 00h]
This register is used to configure the high byte (bits 11:4) of the temperature low limit for remote channel 1. The
default value 00h corresponds to a limit setting of 0°C.
Return to Register Map.
Figure 8-9. TLow_Limit_Remote_Ch1_High Register
7
6
5
4
3
2
1
0
TLow_Limit_Remote_Ch1_High[11:4]
R/W-00h
Table 8-11. TLow_Limit_Remote_Ch1_High Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
TLow_Limit_Remote_Ch1_High[11:4
]
R/W
00h
High-byte (bits 11:4) of the 12-bit temperature alert low limit
setting for remote channel 1.
Use the TLow_Limit_Remote_Ch1_High register together with
theTLow_Limit_Remote_Ch1_Low register to get the full 12-bit
temperature alert low limit for remote channel 1.
TMP4719
SBOSAJ7A – OCTOBER 2025 – REVISED DECEMBER 2025
www.ti.com
32
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP4719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com