Electronic Components Datasheet Search
  English  ▼

X  

IP113F Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # IP113F
Description  Managed 10/100Base-TX / FX Media Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113F Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button IP113F Datasheet HTML 13Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 14Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 15Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 16Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 17Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 18Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 19Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 20Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
IP113F
Preliminary Data Sheet
Loop back test (continued)
Programming procedure for In-band loop back test
Step
Description
C1
C3~C2
C15~C8
Note
1
Set local IP113F TP receive disabled
Set Reg. 20.14 off
2a
Set remote T2 timer disabled by
maintenance frame
1
01
11 11 11 11
Reg24 and Reg 25
2
Set remote IP113F to be loop back mode
enabled by maintenance frame
1
01
00 00 00 01
TS-1000: loop
back set
3
Remote IP113F sends back loop back
acknowledge
--
--
--
--
4
Send loop back test maintenance frame
1
01
11 01 10 11
Reg24 and Reg 25
5
Remote IP113F send back acknowledge
--
--
--
--
6
Local IP113F stores the loop back
maintenance to Reg. 26~30 and checks
CRC bit is in Reg. 26.12
--
7
Repeat step 4~6 continuously
--
8
Set remote IP113F to be loop back mode
disable by maintenance frame
1
01
00 00 00 00
TC-1000: loop
back end
9
Remote IP113F sends back loop back
acknowledge
--
--
--
--
10
Set local IP113F TP receive enable
Set Reg. 20.14 on
Auto in-band loop back test
Step
Description
1
Set pin AUTO_TEST to “1” (The following step is executed automatically by IP113F)
1.1
Central IP113F sends loop back start request to remote IP113F and goes to CST2 state.
1.2
Remote IP113F sends loop back start acknowledge to Central IP113F and enters loop back
test mode.
1.3
Central IP113F goes to CST1 state and begins sending 15 frames in 64 bytes.
1.4
Remote IP113F loops back the received frames at the TP port’s PMD sub-layer.
1.5
Central IP113F checks the loop back frames and reports the result.
2
The LED pin LED_RMT_TP_LINK is Flash (on 80ms / off 20ms) during the auto loop back test
period (AUTO_TEST is “1”).
3
The LED pin LED_RMT_TP_SPD indicates the loop back test complete (on) (when
AUTO_TEST is “1”). The LED pin LED_RMT_TP_FDX indicates the loop back test ok (on)
(when AUTO_TEST is “1”)
4
If another auto loop back test is needed, set AUTO_TEST to “0” and then “1”. That is,
AUTO_TEST is triggered whenever there is a low-to-high transition on this pin.
Confidential.
17/46
Aug. 20, 2003
Copyright © 2003, IC Plus Corp.
IP113F-DS-R02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com