Electronic Components Datasheet Search
  English  ▼

X  

IP113F Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # IP113F
Description  Managed 10/100Base-TX / FX Media Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113F Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button IP113F Datasheet HTML 28Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 29Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 30Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 31Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 32Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 33Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 34Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 35Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
IP113F
Preliminary Data Sheet
The basic MII registers (continued)
MII
NAME
R/W
DESCRIPTION
DEFAULT
Auto-Negotiation Expansion register (address 06h)
6[15:5]
Reserved
RO
Reserved by IEEE, writes as 0, ignore on read.
0
6.4
Parallel Detection
Fault
RO
LH
1 = A fault has been detected via Parallel Detection
function
0 = A fault has not detected via Parallel Detection
function
0
6.3
Link Partner Next
Page Able
RO
1 = Link Partner is Next Page able
0 = Link Partner is not Next Page able
0
6.2
Next Page Able
RO
1 = Local Device is Next Page able
0 = Local Device is not Next Page able
0
6.1
Page Received
RO
LH
1 = A New Page has been received
0 = A New Page has not been received
0
6.0
Link Partner
Auto-Negotiation
Able
RO
1 = Link Partner is Auto-Negotiation able
0 = Link Partner is not Auto-Negotiation able
0
Confidential.
32/46
Aug. 20, 2003
Copyright © 2003, IC Plus Corp.
IP113F-DS-R02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com