Electronic Components Datasheet Search
  English  ▼

X  

IP113F Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # IP113F
Description  Managed 10/100Base-TX / FX Media Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113F Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button IP113F Datasheet HTML 22Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 23Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 24Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 25Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 26Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 27Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 28Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 29Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
IP113F
Preliminary Data Sheet
The basic MII registers (continued)
MII
NAME
R/W
DESCRIPTION
DEFAULT
MII control register (address 00h)
0.9
Restart Auto-
Negotiation
RW
1 = re-starting Auto-Negotiation
0 = Auto-Negotiation re-start complete
Setting this bit to logic high will cause IP113F to
restart an Auto-Negotiation cycle, but depend on the
value of bit 0.12 (Auto-Negotiation Enable). If bit
0.12 is cleared then this bit has no effect, and
change to Read Only. When an Auto-Negotiation
cycle is being processed, write 0 into this bit has no
effect. This bit is self-clearing after Auto-Negotiation
process is completed.
0
0.8
Duplex mode
R/W
1 = full duplex
0 = half duplex
It is valid only if bit 0.12 is set to be 0.
Pin(1)
0.7
Collision test enable
R/W
1 = enable the collision test
0 = disable the collision test
If setting this bit to logic 1, when MII TXEN signal is
asserted, IP113F will assert the MII COL signal
within 512BT (Bit Time, depend on 10Mbps or
100Mbps). When MII TXEN is de-asserted, then
TP110 will assert MII COL signal within 4BT.
Clearing this bit to logic 0 for normal operation
0
0[6:0]
Reserved
R/W
Write as 0, ignore on read
-
Confidential.
26/46
Aug. 20, 2003
Copyright © 2003, IC Plus Corp.
IP113F-DS-R02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com