Electronic Components Datasheet Search
  English  ▼

X  

RA6963 Datasheet(PDF) 19 Page - RAIO Technology Inc.

Part # RA6963
Description  Dot Matrix LCD Controller Specification
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAIO [RAIO Technology Inc.]
Direct Link  http://www.raio.com.tw
Logo RAIO - RAIO Technology Inc.

RA6963 Datasheet(HTML) 19 Page - RAIO Technology Inc.

Back Button RA6963 Datasheet HTML 15Page - RAIO Technology Inc. RA6963 Datasheet HTML 16Page - RAIO Technology Inc. RA6963 Datasheet HTML 17Page - RAIO Technology Inc. RA6963 Datasheet HTML 18Page - RAIO Technology Inc. RA6963 Datasheet HTML 19Page - RAIO Technology Inc. RA6963 Datasheet HTML 20Page - RAIO Technology Inc. RA6963 Datasheet HTML 21Page - RAIO Technology Inc. RA6963 Datasheet HTML 22Page - RAIO Technology Inc. RA6963 Datasheet HTML 23Page - RAIO Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
Preliminary Version 1.3
Dot Matrix LCD Controller
RAiO TECHNOLOGY INC.
www.raio.com.tw
19/46
RA6963
(Example 2) The relationship between Display RAM data and display characters
(RAM Data)
21h
22h
83h
24h
25h
86h
27h
28h
(Character)
A
B
11h
D
E
14h
G
H
Display Character
ABγDEζGH
:
:
:
:
< Figure 6-5 >
The “γ” and “ζ” are displayed by character generator RAM.
6-6-3 Set Address Pointer
The Set Address Pointer command is used to indicate the start address for writing to (or reading
from) External RAM.
The Flowchart for Set Address Pointer Command
Set Address Pointer
Status Check
END
STA0, 1
Set Address Data
(Lower 8 bits)
Status check
Set Address Data
(Upper 8 bits)
Status Check
Set Command 24h
Send Set Address Pointer command
< Figure 6-6 >



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com