Electronic Components Datasheet Search
  English  ▼

X  

RA6963 Datasheet(PDF) 43 Page - RAIO Technology Inc.

Part # RA6963
Description  Dot Matrix LCD Controller Specification
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAIO [RAIO Technology Inc.]
Direct Link  http://www.raio.com.tw
Logo RAIO - RAIO Technology Inc.

RA6963 Datasheet(HTML) 43 Page - RAIO Technology Inc.

Back Button RA6963 Datasheet HTML 38Page - RAIO Technology Inc. RA6963 Datasheet HTML 39Page - RAIO Technology Inc. RA6963 Datasheet HTML 40Page - RAIO Technology Inc. RA6963 Datasheet HTML 41Page - RAIO Technology Inc. RA6963 Datasheet HTML 42Page - RAIO Technology Inc. RA6963 Datasheet HTML 43Page - RAIO Technology Inc. RA6963 Datasheet HTML 44Page - RAIO Technology Inc. RA6963 Datasheet HTML 45Page - RAIO Technology Inc. RA6963 Datasheet HTML 46Page - RAIO Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
Preliminary Version 1.3
Dot Matrix LCD Controller
RAiO TECHNOLOGY INC.
www.raio.com.tw
43/46
RA6963
9. Application
The RA6963 can be directly connected to Z80(Note 1) series MPU. The following applications are use a
TMPZ84C00A to connect RA6963.
9-1 MPU Memory Address Mapping
Data is transferred to the RA6963 using a memory request signal.
< Table 9-1 >
Address
DATA (I/O)
XXXXh
Command/Status
XXXX + 1h
< Figure 9-1 >
Note 1: Z80 is a trademark of Zilog Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com