Electronic Components Datasheet Search
  English  ▼

X  

RA6963 Datasheet(PDF) 5 Page - RAIO Technology Inc.

Part # RA6963
Description  Dot Matrix LCD Controller Specification
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAIO [RAIO Technology Inc.]
Direct Link  http://www.raio.com.tw
Logo RAIO - RAIO Technology Inc.

RA6963 Datasheet(HTML) 5 Page - RAIO Technology Inc.

  RA6963 Datasheet HTML 1Page - RAIO Technology Inc. RA6963 Datasheet HTML 2Page - RAIO Technology Inc. RA6963 Datasheet HTML 3Page - RAIO Technology Inc. RA6963 Datasheet HTML 4Page - RAIO Technology Inc. RA6963 Datasheet HTML 5Page - RAIO Technology Inc. RA6963 Datasheet HTML 6Page - RAIO Technology Inc. RA6963 Datasheet HTML 7Page - RAIO Technology Inc. RA6963 Datasheet HTML 8Page - RAIO Technology Inc. RA6963 Datasheet HTML 9Page - RAIO Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
Preliminary Version 1.3
Dot Matrix LCD Controller
RAiO TECHNOLOGY INC.
www.raio.com.tw
5/46
RA6963
1. Overview
The RA6963 is a dot matrix LCD Controller which fully compatible with T6963C. It supports various LCD
Driver for standard or custom-made LCD module. The RA6963 built-in a 256-word CG(Character Generator)
ROM that for ASCII, Japanese or numeric display in text mode. It also supports Graphics mode and mixed
display with Text. The supported maximum external display RAM is 64Kbyte and the display Window can be
moved freely within the allocated memory range. The RA6963 has an 8-bit parallel data bus that can be
directly connected to an 8080 series MPU.
The RA6963 supports a very broad range of LCD formats by allowing selection of different combinations via
a set and combination text-and-graphic modes, and includes various attribute functions.
2. Features
Support Display Range:
Columns
32, 40, 64, 80
Rows
2, 4, 6, 8, 10, 12, 14, 16, 20, 24, 28, 32
Support 8080 8-bit MPU Interface
Built-in 256-word Font ROM: Basic ASCII、
Japanese、Numeric
Support Max. 64Kbyte External Display SRAM
Display Mode : Character、Graphics and Mixed
Mode
Font Size :
Horizontal
5, 6, 7, 8 Pixels
Vertical
8 Pixels
Support Bold Font and Reverse Display
Support Various LCD Driver
Support 1/16 ~1/128 Duty
Built-in X’tal Oscillator or Using External Clock
Power Supply Range: 3.0~5.5V
Package: LQFP-67Pin (RoHS Compliance)
3. Block Diagram
Display RAM
I/F
256-word
CGROM
SD[7:0], CE, RD, WE
X1
X2
CDATA, LP, FR, HSCP,
C/D, RST, HALT
LSCP, ED, HOD, LOD
Registers
Block
Timing
Generator
MCU
I/F
Cursor
Controller
X’tal
OSC
Data
Latch
System
Configure
A[15:0], D[7:0],
MCE, MRW
MDS
MD[3:0]
FS[1:0]
DUAL
SDSEL
TEST[2:1]
FONTSEL
< Figure 3-1 >



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com