Electronic Components Datasheet Search
  English  ▼

X  

RA6963 Datasheet(PDF) 20 Page - RAIO Technology Inc.

Part # RA6963
Description  Dot Matrix LCD Controller Specification
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAIO [RAIO Technology Inc.]
Direct Link  http://www.raio.com.tw
Logo RAIO - RAIO Technology Inc.

RA6963 Datasheet(HTML) 20 Page - RAIO Technology Inc.

Back Button RA6963 Datasheet HTML 16Page - RAIO Technology Inc. RA6963 Datasheet HTML 17Page - RAIO Technology Inc. RA6963 Datasheet HTML 18Page - RAIO Technology Inc. RA6963 Datasheet HTML 19Page - RAIO Technology Inc. RA6963 Datasheet HTML 20Page - RAIO Technology Inc. RA6963 Datasheet HTML 21Page - RAIO Technology Inc. RA6963 Datasheet HTML 22Page - RAIO Technology Inc. RA6963 Datasheet HTML 23Page - RAIO Technology Inc. RA6963 Datasheet HTML 24Page - RAIO Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
Preliminary Version 1.3
Dot Matrix LCD Controller
RAiO TECHNOLOGY INC.
www.raio.com.tw
20/46
RA6963
6-7 Set Control Word
< Table 6-7 >
Code
Hex.
Function
D1
D2
01000000
40h
Set Text Home Address
Low Address High Address
01000001
41h
Set Text Area
Columns
00h
01000010
42h
Set Graphic Home Address
Low Address High Address
01000011
43h
Set Graphic Area
Columns
00h
The home address and column size are defined by this command.
6-7-1 Set Text Home Address
The starting address in the external display RAM for text display is defined by this command.
The text home address indicates the leftmost and uppermost position.
The Relationship between Display RAM Address and Display Position
< Table 6-8 >
TH
………
TH + CL
TH + TA
………
TH + TA + CL
(TH + TA) + TA
………
TH + 2TA + CL
(TH + 2TA) + TA
………
TH + 3TA + CL
:
:
:
:
:
:
:
:
:
:
:
:
TH + (n-1) TA
………
TH + (n-1) TA + CL
TH: Text home address
TA: Text area number (columns)
CL: Columns are fixed by hardware (pin-programmable).
(Example)
Text Home Address
Text Area
MD2=H, MD3=H
DUAL
=H, MDS=L, MD0=L, MD1=H
: 0000h
: 0020h
: 32 Columns
: 4 Lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com